전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXXK300N60B3 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 IXXK300N60B3
상세설명  Advance Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXK300N60B3 데이터시트(HTML) 1 Page - IXYS Corporation

  IXXK300N60B3 Datasheet HTML 1Page - IXYS Corporation IXXK300N60B3 Datasheet HTML 2Page - IXYS Corporation IXXK300N60B3 Datasheet HTML 3Page - IXYS Corporation IXXK300N60B3 Datasheet HTML 4Page - IXYS Corporation IXXK300N60B3 Datasheet HTML 5Page - IXYS Corporation IXXK300N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
XPTTM 600V IGBTs
GenX3TM
IXXK300N60B3
IXXX300N60B3
V
CES
= 600V
I
C110
= 300A
V
CE(sat)
≤≤≤≤≤ 1.6V
t
fi(typ)
= 95ns
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
600
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C= 25°C (Chip Capability)
550
A
I
LRMS
Leads Current Limit
160
A
I
C110
T
C = 110°C (Chip Capability)
300
A
I
CM
T
C = 25°C, 1ms
1140
A
I
A
T
C = 25°C
100
A
E
AS
T
C = 25°C
500
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 600
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G = 10Ω, Non Repetitive
P
C
T
C = 25°C
2300
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
DS100503(10/12)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
2.5 mA
I
GES
V
CE = 0V, VGE = ±20V
±200 nA
V
CE(sat)
I
C
= 100A, V
GE = 15V, Note 1
1.3
1.6
V
T
J = 150°C
1.4
V
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264 (IXXK)
E
G
C
PLUS247 (IXXX)
G
Tab
Tab
E
C
G
Advance Technical Information
Features
Optimized for 10-30kHz Switching
Square RBSOA
International Standard Packages
Avalanche Rated
Short Circuit Capability
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Extreme Light Punch Through
IGBT for 10-30kHz Switching


유사한 부품 번호 - IXXK300N60B3

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IXXK300N60B3 ISC-IXXK300N60B3 Datasheet
314Kb / 3P
   IGBT
More results

유사한 설명 - IXXK300N60B3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com