전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXXN200N60C3H1 데이터시트(PDF) 7 Page - IXYS Corporation

부품명 IXXN200N60C3H1
상세설명  Preliminary Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXN200N60C3H1 데이터시트(HTML) 7 Page - IXYS Corporation

  IXXN200N60C3H1 Datasheet HTML 1Page - IXYS Corporation IXXN200N60C3H1 Datasheet HTML 2Page - IXYS Corporation IXXN200N60C3H1 Datasheet HTML 3Page - IXYS Corporation IXXN200N60C3H1 Datasheet HTML 4Page - IXYS Corporation IXXN200N60C3H1 Datasheet HTML 5Page - IXYS Corporation IXXN200N60C3H1 Datasheet HTML 6Page - IXYS Corporation IXXN200N60C3H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYS REF: IXX_200N60C3(91)11-05-12-A
IXXN200N60C3H1
Fig. 22. Typ. Forward characteristics
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
VF - [V]
IF
[A]
TVJ = 25ºC
TVJ = 150ºC
Fig. 24. Typ. Peak Reverse Current IRM vs. -diF/dt
40
60
80
100
120
140
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
diF/dt [A/µs]
IRM
[A]
TVJ = 150ºC
VR = 300V
200A
50A
100A
Fig. 25. Typ. Recovery Time trr vs. -diF/dt
50
100
150
200
250
300
350
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
-diF/dt [A/µs]
trr
[ns]
TVJ = 150ºC
VR = 300V
200A
50A
100A
Fig. 26. Typ. Recovery Energy Erec vs. -diF/dt
0
1
2
3
4
5
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
-diF/dt [A/µs]
Erec
[mJ]
TVJ = 150ºC
VR = 300V
200A
50A
100A
Fig. 23. Typ. Reverse Recovery Charge Qrr vs. -diF/dt
4
6
8
10
12
14
16
18
20
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
-diF/ dt [A/µs]
Qrr
[µC]
TVJ = 150ºC
VR = 300V
200A
50A
100A


유사한 부품 번호 - IXXN200N60C3H1

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXXN200N60B3 IXYS-IXXN200N60B3 Datasheet
184Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
More results

유사한 설명 - IXXN200N60C3H1

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com