전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2940T-10.0 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2940T-10.0
상세설명  1A Low Dropout Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940T-10.0 데이터시트(HTML) 2 Page - Texas Instruments

  LM2940T-10.0 Datasheet HTML 1Page - Texas Instruments LM2940T-10.0 Datasheet HTML 2Page - Texas Instruments LM2940T-10.0 Datasheet HTML 3Page - Texas Instruments LM2940T-10.0 Datasheet HTML 4Page - Texas Instruments LM2940T-10.0 Datasheet HTML 5Page - Texas Instruments LM2940T-10.0 Datasheet HTML 6Page - Texas Instruments LM2940T-10.0 Datasheet HTML 7Page - Texas Instruments LM2940T-10.0 Datasheet HTML 8Page - Texas Instruments LM2940T-10.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LM2940-N, LM2940C
SNVS769J – MARCH 2000 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 13
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 14
2
Applications ........................................................... 1
8
Application and Implementation ........................ 15
3
Description ............................................................. 1
8.1
Application Information............................................ 15
4
Revision History..................................................... 2
8.2
Typical Application .................................................. 15
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 17
6
Specifications......................................................... 4
10
Layout................................................................... 17
6.1
Absolute Maximum Ratings ...................................... 4
10.1
Layout Guidelines ................................................. 17
6.2
ESD Ratings.............................................................. 4
10.2
Layout Examples................................................... 17
6.3
Recommended Operating Conditions ....................... 4
10.3
Heatsinking ........................................................... 18
6.4
Thermal Information .................................................. 5
11
Device and Documentation Support ................. 20
6.5
Electrical Characteristics (5 V and 8 V) .................... 5
11.1
Documentation Support ........................................ 20
6.6
Electrical Characteristics (9 V and 10 V) .................. 6
11.2
Related Links ........................................................ 20
6.7
Electrical Characteristics (12 V and 15 V) ................ 7
11.3
Trademarks ........................................................... 20
6.8
Typical Characteristics .............................................. 8
11.4
Electrostatic Discharge Caution ............................ 20
7
Detailed Description ............................................ 13
11.5
Glossary ................................................................ 20
7.1
Overview ................................................................. 13
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 13
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (April 2013) to Revision J
Page
Added Pin Configuration and Functions section, ESD Rating table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Deleted information re: obsolete CDIP and CLGA package options ; Change pin names from Vin, Vout to IN, OUT;
delete Heatsinking sections re: packages apart from TO-220 ............................................................................................... 1
Changed symbols for Thermal Information ......................................................................................................................... 19
Changes from Revision H (April 2013) to Revision I
Page
2
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM2940-N LM2940C


유사한 부품 번호 - LM2940T-10.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2940T-10.0 TI1-LM2940T-10.0 Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
LM2940T-10.0/NOPB TI1-LM2940T-10.0/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2940-N/LM2940C 1A Low Dropout Regulator
More results

유사한 설명 - LM2940T-10.0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com