전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYF30N450 데이터시트(PDF) 3 Page - IXYS Corporation

부품명 IXYF30N450
상세설명  Advance Technical Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYF30N450 데이터시트(HTML) 3 Page - IXYS Corporation

  IXYF30N450 Datasheet HTML 1Page - IXYS Corporation IXYF30N450 Datasheet HTML 2Page - IXYS Corporation IXYF30N450 Datasheet HTML 3Page - IXYS Corporation IXYF30N450 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYF30N450
Fig. 1. Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
00.5
11.5
22.533.5
44.5
5
VCE - Volts
VGE = 25V
19V
15V
13V
11V
7V
5V
9V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
40
80
120
160
200
240
280
0
5
10
15
20
25
30
VCE - Volts
VGE = 25V
23V
21V
13V
11V
9V
15V
7V
17V
19V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
10
20
30
40
50
60
01
2
345
67
VCE - Volts
VGE = 25V
19V
15V
13V
11V
5V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 60A
I C = 30A
I C = 15A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
2
3
4
5
6
7
8
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 60A
TJ = 25ºC
30A
15A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
80
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
VGE - Volts
TJ = - 40ºC
25ºC
125ºC


유사한 부품 번호 - IXYF30N450

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
More results

유사한 설명 - IXYF30N450

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com