전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4729A-G 데이터시트(PDF) 6 Page - Comchip Technology

부품명 1N4729A-G
상세설명  Glass passivated chip.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4729A-G 데이터시트(HTML) 6 Page - Comchip Technology

  1N4729A-G Datasheet HTML 1Page - Comchip Technology 1N4729A-G Datasheet HTML 2Page - Comchip Technology 1N4729A-G Datasheet HTML 3Page - Comchip Technology 1N4729A-G Datasheet HTML 4Page - Comchip Technology 1N4729A-G Datasheet HTML 5Page - Comchip Technology 1N4729A-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
REV: D
QW-BZ007
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Axial Lead Zener Diode
Case Type
DO-41
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Case Type
DO-41
5,000
BOX
( pcs )
AMMO PACK
50,000
CARTON
( pcs )
Part Number
1N4728A-G Thru. Z1330A-G
Code
NA
Note: (1)Suffix code after part number to specify packaging item.
Standard Packaging
1N4728AT-G Thru. Z1330AT-G
Packaging
AMMO PACK
REEL PACK
T


유사한 부품 번호 - 1N4729A-G

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
1N4729A-G PANJIT-1N4729A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
1N4729A-G PANJIT-1N4729A-G Datasheet
304Kb / 5P
   SILICON ZENER DIODE
More results

유사한 설명 - 1N4729A-G

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
   Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
   Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
   Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
   Glass passivated chip
logo
StarHope
ASB20A SPSEMI-ASB20A Datasheet
1Mb / 4P
   Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
   Glass passivated chip
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
   Glass passivated chip
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
   Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
   Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
   Glass passivated chip
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com