전자부품 데이터시트 검색엔진 |
|
LM120H-15 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
LM120H-15 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 22 page LM120, LM320-N SNVS756C – APRIL 1998 – REVISED APRIL 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. ABSOLUTE MAXIMUM RATINGS −5 VOLT REGULATORS (1) (2) (3) Power Dissipation Internally Limited Input Voltage −25V Input-Output Voltage Differential 25V Junction Temperatures (4) Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 sec.) 300°C Plastic 260°C (1) Refer to RETS120-5H drawing for LM120H-5.0 or RETS120-5K drawing for LM120-5K military specifications. (2) For −5V 3 amp regulators, see LM145 data sheet. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (4) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. LM120K-5.0 AND LM320K-5.0 ELECTRICAL CHARACTERISTICS (1) Metal Can Package Order Numbers LM120K-5.0 LM320K-5.0 (TO-3) (TO-3) Units Design Output Current (ID) 1.5A Device Dissipation (PD) 20W Parameter Conditions (2) Min Typ Max Min Typ Max Output Voltage TJ = 25°C, VIN =10V, −5.1 −5 −4.9 −5.2 −5 −4.8 V ILOAD = 5 mA Line Regulation TJ = 25°C, ILOAD = 5 mA, 10 25 10 40 mV VMIN ≤ VIN ≤ VMAX Input Voltage −25 −7 −25 −7 V Ripple Rejection f = 120 Hz 54 64 54 64 dB Load Regulation, TJ = 25°C, VIN = 10V, 50 75 60 100 mV (3) 5 mA ≤ ILOAD ≤ ID Output Voltage, −7.5V ≤ VIN ≤ VMAX, −5.20 −4.80 −5.25 −4.75 V (2) 5 mA ≤ ILOAD ≤ ID, P ≤ PD Quiescent Current VMIN ≤ VIN ≤ VMAX 1 2 1 2 mA Quiescent Current TJ = 25°C Change VMIN ≤ VIN ≤ VMAX 0.1 0.4 0.1 0.4 mA 5 mA ≤ ILOAD ≤ ID 0.1 0.4 0.1 0.4 mA Output Noise Voltage TA = 25°C, CL = 1 μF, IL = 5 mA, 150 150 μV VIN = 10V, 10 Hz ≤ f ≤ 100 kHz Long Term Stability 5 50 5 50 mV Thermal Resistance Junction to Case 3 3 °C/W Junction to Ambient 35 35 °C/W (1) For −5V 3 amp regulators, see LM145 data sheet. (2) This specification applies over −55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N. (3) Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical specifications apply only up to PD. 2 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LM120 LM320-N |
유사한 부품 번호 - LM120H-15 |
|
유사한 설명 - LM120H-15 |