전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM336DR-2-5 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM336DR-2-5
상세설명  2.5V INTERGRATED REFERENCE CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM336DR-2-5 데이터시트(HTML) 4 Page - Texas Instruments

  LM336DR-2-5 Datasheet HTML 1Page - Texas Instruments LM336DR-2-5 Datasheet HTML 2Page - Texas Instruments LM336DR-2-5 Datasheet HTML 3Page - Texas Instruments LM336DR-2-5 Datasheet HTML 4Page - Texas Instruments LM336DR-2-5 Datasheet HTML 5Page - Texas Instruments LM336DR-2-5 Datasheet HTML 6Page - Texas Instruments LM336DR-2-5 Datasheet HTML 7Page - Texas Instruments LM336DR-2-5 Datasheet HTML 8Page - Texas Instruments LM336DR-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
1.5
1
0.5
0
02
4
6
2
CHANGE IN REFERENCE VOLTAGE
vs
REFERENCE CURRENT
2.5
810
IZ − Reference Current − mA
TA = 25°C
Figure 2
150
100
50
10
100
1 k
200
f − Frequency − Hz
NOISE VOLTAGE
vs
FREQUENCY
250
10 k
100 k
IZ = 1 mA
TA = 25°C
0.01
0.1
1
f − Frequency − kHz
10
100
REFERENCE IMPEDANCE
vs
FREQUENCY
10
1
0.1
100
IZ = 1 mA
TA = −55°C to 125°C
Figure 3


유사한 부품 번호 - LM336DR-2-5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM336DR-2-5 TI-LM336DR-2-5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM336DR-2-5 TI-LM336DR-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM336DR-2-5 TI1-LM336DR-2-5 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
More results

유사한 설명 - LM336DR-2-5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com