전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP75AIDR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP75AIDR
상세설명  Digital Temperature Sensor with Two-Wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP75AIDR 데이터시트(HTML) 4 Page - Texas Instruments

  TMP75AIDR Datasheet HTML 1Page - Texas Instruments TMP75AIDR Datasheet HTML 2Page - Texas Instruments TMP75AIDR Datasheet HTML 3Page - Texas Instruments TMP75AIDR Datasheet HTML 4Page - Texas Instruments TMP75AIDR Datasheet HTML 5Page - Texas Instruments TMP75AIDR Datasheet HTML 6Page - Texas Instruments TMP75AIDR Datasheet HTML 7Page - Texas Instruments TMP75AIDR Datasheet HTML 8Page - Texas Instruments TMP75AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TMP175, 75
4
SBOS288C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, V+ = 5.0V, unless otherwise noted.
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
TEMPERATURE ACCURACY vs TEMPERATURE
Temperature (
°C)
–60 –40 –20
0
20
40
60
80
100 120
160
140
3 typical units 12-bit resolution.
85
75
65
55
45
35
25
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
–60
–10
40
90
140
Serial Bus Inactive
V+ = 5V
V+ = 2.7V
500
450
400
350
300
250
200
150
100
50
0
QUIESCENT CURRENT WITH
BUS ACTIVITY vs TEMPERATURE
Frequency (Hz)
1k
10k
100k
1M
10M
125
°C
25
°C
–55
°C
Hs MODE
FAST MODE
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
100
120
140
300
250
200
150
100
CONVERSION TIME vs TEMPERATURE
Temperature (
°C)
–60
–10
40
90
140
V+ = 5V
V+ = 2.7V
12-bit resolution.


유사한 부품 번호 - TMP75AIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75AIDR TI1-TMP75AIDR Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP75AIDR UMW-TMP75AIDR Datasheet
724Kb / 15P
   1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
logo
Texas Instruments
TMP75AIDRG4 TI1-TMP75AIDRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

유사한 설명 - TMP75AIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com