전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3243 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM3243
상세설명  High-Current Step-Down Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3243 데이터시트(HTML) 2 Page - Texas Instruments

  LM3243_16 Datasheet HTML 1Page - Texas Instruments LM3243_16 Datasheet HTML 2Page - Texas Instruments LM3243_16 Datasheet HTML 3Page - Texas Instruments LM3243_16 Datasheet HTML 4Page - Texas Instruments LM3243_16 Datasheet HTML 5Page - Texas Instruments LM3243_16 Datasheet HTML 6Page - Texas Instruments LM3243_16 Datasheet HTML 7Page - Texas Instruments LM3243_16 Datasheet HTML 8Page - Texas Instruments LM3243_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LM3243
SNVS782C – OCTOBER 2010 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
8
Application and Implementation ........................ 15
2
Applications ........................................................... 1
8.1
Application Information............................................ 15
3
Description ............................................................. 1
8.2
Typical Application ................................................. 15
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 19
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 20
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 21
6.2
ESD Ratings.............................................................. 4
10.3
DSBGA Package Assembly and Use ................... 25
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 26
6.4
Thermal Information .................................................. 5
11.1
Device Support...................................................... 26
6.5
Electrical Characteristics .......................................... 5
11.2
Documentation Support ........................................ 26
6.6
System Characteristics ............................................ 6
11.3
Community Resources.......................................... 26
6.7
Timing Requirements ................................................ 7
11.4
Trademarks ........................................................... 26
6.8
Typical Characteristics .............................................. 8
11.5
Electrostatic Discharge Caution ............................ 26
7
Detailed Description ............................................ 11
11.6
Glossary ................................................................ 26
7.1
Overview ................................................................. 11
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 12
Information ........................................................... 26
7.3
Feature Description................................................. 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2013) to Revision C
Page
Added Device Information and Pin Configuration and Functions sections, ESD Rating table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections ................................................. 1
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM3243


유사한 부품 번호 - LM3243_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
More results

유사한 설명 - LM3243_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A_V01 Datasheet
1Mb / 49P
   Automotive High-Current Step-Down Converter
2021
logo
Linear Technology
LTC7851 LINER-LTC7851 Datasheet
925Kb / 20P
   High Output Current 4-Phase Step-Down Converter
LTC3807EFE LINER-LTC3807EFE Datasheet
436Kb / 6P
   Low Quiescent Current, High Voltage Step-Down Converter
logo
ELMOS Semiconductor AG
E522.10 ELMOS-E522.10 Datasheet
192Kb / 2P
   LOW QUIESCENT CURRENT STEP DOWN CONVERTER
logo
Monolithic Power System...
EV2312-Q-00A MPS-EV2312-Q-00A Datasheet
430Kb / 7P
   24V, High Current Synchronous Step-down Converter Evaluation Board
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
   24V, High Current Synchronous Step-down Converter Evaluation Board
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com