전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM139FKB 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM139FKB
상세설명  Low-Power Low-Offset Voltage Quad Comparators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM139FKB 데이터시트(HTML) 1 Page - Texas Instruments

  LM139FKB Datasheet HTML 1Page - Texas Instruments LM139FKB Datasheet HTML 2Page - Texas Instruments LM139FKB Datasheet HTML 3Page - Texas Instruments LM139FKB Datasheet HTML 4Page - Texas Instruments LM139FKB Datasheet HTML 5Page - Texas Instruments LM139FKB Datasheet HTML 6Page - Texas Instruments LM139FKB Datasheet HTML 7Page - Texas Instruments LM139FKB Datasheet HTML 8Page - Texas Instruments LM139FKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
LMx39-N, LM2901-N, LM3302-N Low-Power Low-Offset Voltage Quad Comparators
1 Features
3 Description
The LMx39-N series consists of four independent
1
Wide Supply Voltage Range
precision voltage comparators with an offset voltage
LM139/139A Series 2 to 36 VDC or ±1 to ±18 VDC
specification as low as 2 mV maximum for all four
LM2901-N: 2 to 36 VDC or ±1 to ±18 VDC
comparators. These comparators were designed
specifically to operate from a single power supply
LM3302-N: 2 to 28 VDC or ±1 to ±14 VDC
over a wide range of voltages. Operation from split
Very Low Supply Current Drain (0.8 mA) —
power supplies is also possible and the low power
Independent of Supply Voltage
supply current drain is independent of the magnitude
Low Input Biasing Current: 25 nA
of the power supply voltage. These comparators also
have a unique characteristic in that the input
Low Input Offset Current: ±5 nA
common-mode voltage range includes ground, even
Offset Voltage: ±3 mV
though they are operated from a single power supply
Input Common-Mode Voltage Range Includes
voltage.
GND
The
LMx39-N
series
was
designed
to
directly
Differential Input Voltage Range Equal to the
interface with TTL and CMOS. When operated from
Power Supply Voltage
both plus and minus power supplies, the devices
Low Output Saturation Voltage: 250 mV at 4 mA
directly interface with MOS logic— where the low
power drain of the LM339 is a distinct advantage over
Output Voltage Compatible With TTL, DTL, ECL,
standard comparators.
MOS, and CMOS Logic Systems
Advantages:
Device Information(1)
High-Precision Comparators
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Reduced VOS Drift Overtemperature
LM139-N
CDIP (14)
19.56 mm × 6.67 mm
Eliminates Need for Dual Supplies
LM239-N
SOIC (14)
8.65 mm × 3.91 mm
Allows Sensing Near GND
LM2901-N
PDIP (14)
19.177 mm × 6.35 mm
Compatible With All Forms of Logic
CDIP (14)
19.56 mm × 6.67 mm
Power Drain Suitable for Battery Operation
LM339-N
SOIC (14)
8.65 mm × 3.91 mm
PDIP (14)
19.177 mm × 6.35 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Limit Comparators
the end of the datasheet.
Simple Analog-to-Digital Converters (ADCs)
Pulse, Squarewave, and Time Delay Generators
One-Shot Multivibrator With Input Lock Out
Wide Range VCO; MOS Clock Timers
Multivibrators and High-Voltage Digital Logic
Gates
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - LM139FKB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM139FKB TI-LM139FKB Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI-LM139FKB Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI-LM139FKB Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI1-LM139FKB Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139FKB TI-LM139FKB Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

유사한 설명 - LM139FKB

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com