전자부품 데이터시트 검색엔진 |
|
LM339AD 데이터시트(PDF) 11 Page - Texas Instruments |
|
|
LM339AD 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 28 page LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N www.ti.com SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014 Feature Description (continued) The amount of current which the output device can sink is limited by the drive available (which is independent of V+) and the β of this device. When the maximum current limit is reached (approximately 16 mA), the output transistor will come out of saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the approximately 60- Ω RSAT of the output transistor. The low offset voltage of the output transistor (4 mV) allows the output to clamp essentially to ground level for small load currents. 7.4 Device Functional Modes A basic comparator circuit is used for converting analog signals to a digital output. The output is HIGH when the voltage on the non-inverting (+IN) input is greater than the inverting (-IN) input. The output is LOW when the voltage on the noninverting (+IN) input is less than the inverting (-IN) input. The inverting input (-IN) is also commonly referred to as the "reference" or "VREF" input. All pins of any unused comparators should be tied to the negative supply. The bias network of the LMx39-N series establishes a drain current which is independent of the magnitude of the power supply voltage over the range of from 2 VDC to 30 VDC. Copyright © 1999–2014, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N |
유사한 부품 번호 - LM339AD |
|
유사한 설명 - LM339AD |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |