전자부품 데이터시트 검색엔진 |
|
SS239LUA 데이터시트(PDF) 7 Page - SEC Electronics Inc. |
|
SS239LUA 데이터시트(HTML) 7 Page - SEC Electronics Inc. |
7 / 8 page SS239 CMOS Omnipolar High Sensitivity Micropower Hall Switch 7 V3.10 Nov 1, 2013 Package Information Package UA, 3-Pin SIP: 4.0 ± 0.01 1 2 3 1.27 2.13 1.87 1.00 1.20 45° ± 1° 3° ± 1° 0.44± 0.01 0.05 ± 0.05 0.84(Nom) 3° ± 1° 6° ± 1° 6° ± 1° 3° ± 1° Active Area Depth: Sensor Location 1 2 3 Notes: 1). Controlling dimension : mm ; 2). Leads must be free of flash and plating voids ; 3). Do not bend leads within 1 mm of lead to package interface ; 4). PINOUT: Pin 1 VDD Pin 2 GND Pin 3 Output 0.39± 0.01 0.38 ± 0.01 2.54 |
유사한 부품 번호 - SS239LUA |
|
유사한 설명 - SS239LUA |