전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS443LUA 데이터시트(PDF) 4 Page - SEC Electronics Inc.

부품명 SS443LUA
상세설명  Unipolar Hall-Effect Digital Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS443LUA 데이터시트(HTML) 4 Page - SEC Electronics Inc.

  SS443LUA Datasheet HTML 1Page - SEC Electronics Inc. SS443LUA Datasheet HTML 2Page - SEC Electronics Inc. SS443LUA Datasheet HTML 3Page - SEC Electronics Inc. SS443LUA Datasheet HTML 4Page - SEC Electronics Inc. SS443LUA Datasheet HTML 5Page - SEC Electronics Inc. SS443LUA Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS443
Unipolar Hall-Effect Digital Switch
4
V3.10
Nov 1, 2013
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 4.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
4.5
24
V
Supply Current
IDD
B < BRP
4
5
7
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.3
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
0.1
10
µA
Output Rise Time
tr
RL = 820Ω, CL = 20pF
0.04
2.0
µs
Output Fall Time
tf
RL =820Ω, CL = 20pF
0.18
2.0
µs
Magnetic Specifications
DC Operating Parameters VDD = 4.5V to 24V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C,Vdd=12V DC
150
170
190
G
Release Point
BRP
100
125
160
G
Hysteresis
BHYST
45
G
SO
Operating Point
BOP
Ta=25°C,Vdd=12V DC
-190
-170
-150
G
Release Point
BRP
-160
-125
-100
G
Hysteresis
BHYST
45
G
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40°C to 150°C, VDD = 4.5V to 24V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (SO)
OUT
B < BRP
B > BRP
High
B > BOP
B < BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong North pole magnetic field applied to the marked face.


유사한 부품 번호 - SS443LUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
logo
List of Unclassifed Man...
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
Honeywell Solid State E...
SS443A HONEYWELL-SS443A Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
SS443A HONEYWELL-SS443A Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
More results

유사한 설명 - SS443LUA

제조업체부품명데이터시트상세설명
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
   Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
   Unipolar Hall-Effect Digital Switch
SS129 SECELECTRONICS-SS129 Datasheet
231Kb / 5P
   Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com