전자부품 데이터시트 검색엔진 |
|
MC1458CP1 데이터시트(PDF) 5 Page - Texas Instruments |
|
MC1458CP1 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 12 page PACKAGE OPTION ADDENDUM www.ti.com 26-Jul-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM1458 MWC ACTIVE WAFERSALE YS 0 1 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -40 to 85 LM1458M NRND SOIC D 8 95 TBD Call TI Call TI 0 to 70 LM 1458M LM1458M/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM 1458M LM1458MX NRND SOIC D 8 2500 TBD Call TI Call TI 0 to 70 LM 1458M LM1458MX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 70 LM 1458M LM1458N/NOPB ACTIVE PDIP P 8 40 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM 0 to 70 LM1458N LM1558H ACTIVE TO-99 LMC 8 500 TBD Call TI Call TI -55 to 125 ( LM1558H ~ LM1558H) LM1558H/NOPB ACTIVE TO-99 LMC 8 500 Green (RoHS & no Sb/Br) Call TI Level-1-NA-UNLIM -55 to 125 ( LM1558H ~ LM1558H) MC1458CP1 OBSOLETE PDIP P 8 TBD Call TI Call TI 0 to 70 LM1458N MC1458P1 OBSOLETE PDIP P 8 TBD Call TI Call TI 0 to 70 LM1458N MC1558G ACTIVE TO-99 LMC 8 500 TBD Call TI Call TI -55 to 125 ( LM1558H ~ LM1558H) (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. |
유사한 부품 번호 - MC1458CP1 |
|
유사한 설명 - MC1458CP1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |