전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2578A 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2578A
상세설명  Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2578A 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM2578A Datasheet HTML 6Page - Texas Instruments LM2578A Datasheet HTML 7Page - Texas Instruments LM2578A Datasheet HTML 8Page - Texas Instruments LM2578A Datasheet HTML 9Page - Texas Instruments LM2578A Datasheet HTML 10Page - Texas Instruments LM2578A Datasheet HTML 11Page - Texas Instruments LM2578A Datasheet HTML 12Page - Texas Instruments LM2578A Datasheet HTML 13Page - Texas Instruments LM2578A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LM2578A, LM3578A
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
Figure 16. Current Limit, Vin Referred
CURRENT LIMIT TRANSIENT SUPPRESSION
When noise spikes and switching transients interfere with proper current limit operation, R1 and C1 act together
as a low pass filter to control the current limit circuitry's response time.
Because the sense current of the current limit terminal varies according to where it is referenced, R1 should be
less than 2 k
Ω when referenced to ground, and less than 100Ω when referenced to Vin.
Figure 17. Current Limit Transient Suppressor, Ground Referred
Figure 18. Current Limit Transient Suppressor, Vin Referred
C.L. SENSE VOLTAGE MULTIPLICATION
When a larger sense resistor value is desired, the voltage divider network, consisting of R1 and R2, may be
used. This effectively multiplies the sense voltage by (1 + R1/R2). Also, R1 can be replaced by a diode to
increase current limit sense voltage to about 800 mV (diode Vf + 110 mV).
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2578A LM3578A


유사한 부품 번호 - LM2578A

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2578A NSC-LM2578A Datasheet
1Mb / 18P
   Switching Regulator
LM2578A NSC-LM2578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Texas Instruments
LM2578A TI-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM2578AM TI-LM2578AM Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
LM2578AMX TI-LM2578AMX Datasheet
1Mb / 30P
[Old version datasheet]   LM2578A/LM3578A Switching Regulator
More results

유사한 설명 - LM2578A

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
   Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com