전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3503SQ-35 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3503SQ-35
상세설명  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3503SQ-35 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3503SQ-35 Datasheet HTML 6Page - Texas Instruments LM3503SQ-35 Datasheet HTML 7Page - Texas Instruments LM3503SQ-35 Datasheet HTML 8Page - Texas Instruments LM3503SQ-35 Datasheet HTML 9Page - Texas Instruments LM3503SQ-35 Datasheet HTML 10Page - Texas Instruments LM3503SQ-35 Datasheet HTML 11Page - Texas Instruments LM3503SQ-35 Datasheet HTML 12Page - Texas Instruments LM3503SQ-35 Datasheet HTML 13Page - Texas Instruments LM3503SQ-35 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
-25
-10
5
20
35
50
65
80
TEMPERATURE (
oC)
420
440
460
480
500
520
540
560
580
600
620
-40
VIN = 5.5V
VIN = 7.0V
VIN = 2.5V
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
320
340
360
380
400
420
440
460
480
2.5
T = -40
oC
T = 25
oC
T = 85
oC
0.3
0.5
0.7
0.9
1.1
1.3
1.5
CNTRL VOLTAGE (V)
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
VIN = 2.7V
VIN = 5.5V
-40
80
TEMPERATURE (
oC)
-25 -10
5
20
35
50
65
320
340
360
380
400
420
440
VIN = 5.5V
VIN = 7.0V
VIN = 2.5V
2.0
12.0
22.0
32.0
42.0
3
4
5
6
7
8
9
10
VOUT1 PIN VOLTAGE (V)
125
oC
IPMOS = 20 mA
25
oC
-40
oC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
-40
oC
INMOS = 20 mA
125
oC
25
oC
LM3503
SNVS329E – JULY 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
(See Typical Application Circuit : L=DO1608C-223 and D=B150-13. Efficiency:
η = POUT/ PIN = [(VOUT – VFb ) * IOUT] / [VIN * IIN].
TA = +25°C, unless otherwise stated.)
NMOS RDS(ON) (Figure 3: N2)
PMOS RDS(ON) (Figure 3: P1)
vs
vs
VIN
VIN
Figure 19.
Figure 20.
Feedback Voltage
Current Limit (LM3503-16)
vs
vs
Cntrl Pin Voltage
Temperature
Figure 21.
Figure 22.
Current Limit (LM3503-16)
Current Limit (LM3503-25)
vs
vs
VIN
Temperature
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3503


유사한 부품 번호 - LM3503SQ-35

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3503SQ-35 NSC-LM3503SQ-35 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-35 NSC-LM3503SQ-35 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503SQ-35 TI1-LM3503SQ-35 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503SQ-35NOPB TI1-LM3503SQ-35NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

유사한 설명 - LM3503SQ-35

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com