전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26420-Q1 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM26420-Q1
상세설명  Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM26420-Q1 데이터시트(HTML) 4 Page - Texas Instruments

  LM26420-Q1 Datasheet HTML 1Page - Texas Instruments LM26420-Q1 Datasheet HTML 2Page - Texas Instruments LM26420-Q1 Datasheet HTML 3Page - Texas Instruments LM26420-Q1 Datasheet HTML 4Page - Texas Instruments LM26420-Q1 Datasheet HTML 5Page - Texas Instruments LM26420-Q1 Datasheet HTML 6Page - Texas Instruments LM26420-Q1 Datasheet HTML 7Page - Texas Instruments LM26420-Q1 Datasheet HTML 8Page - Texas Instruments LM26420-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
1
16
2
3
4
5
6
7
8
15
14
13
11
12
9
10
20
19
18
17
5
6
7
4
3
2
1
16
15
14
13
9
10
11
12
8
DAP
4
LM26420, LM26420-Q0, LM26420-Q1
SNVS579K – FEBRUARY 2009 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LM26420 LM26420-Q0 LM26420-Q1
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RUM Package
16-Pin WQFN
Top View
PWP Package
20-Pin HTSSOP
Top View
Pin Functions: 16-Pin WQFN
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1,2
VIND1
P
Power input supply for Buck 1.
3
SW1
P
Output switch for Buck 1. Connect to the inductor.
4
PGND1
G
Power ground pin for Buck 1.
5
FB1
A
Feedback pin for Buck 1. Connect to external resistor divider to set output voltage.
6
PG1
G
Power Good Indicator for Buck 1. Pin is connected through a resistor to an external supply
(open drain output).
7
PG2
G
Power Good Indicator for Buck 2. Pin is connected through a resistor to an external supply
(open drain output).
8
FB2
A
Feedback pin for Buck 2. Connect to external resistor divider to set output voltage.
9
PGND2
G
Power ground pin for Buck 2.
10
SW2
P
Output switch for Buck 2. Connect to the inductor.
11, 12
VIND2
A
Power Input supply for Buck 2.
13
EN2
A
Enable control input. Logic high enable operation for Buck 2. Do not allow this pin to float or
be greater than VIN + 0.3 V.
14
AGND
G
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to
pin.
15
VINC
A
Input supply for control circuitry.
16
EN1
A
Enable control input. Logic high enable operation for Buck 1. Do not allow this pin to float or
be greater than VIN + 0.3 V.
DAP
Die Attach Pad
Connect to system ground for low thermal impedance and as a primary electrical GND
connection.


유사한 부품 번호 - LM26420-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM26420-Q1 TI-LM26420-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

유사한 설명 - LM26420-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM26420 TI-LM26420_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
   High efficiency synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
   high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com