전자부품 데이터시트 검색엔진 |
|
SN74ABTH16823DLR 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
SN74ABTH16823DLR 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 14 page SN54ABTH16823, SN74ABTH16823 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS664B – APRIL 1996 – REVISED MAY 1997 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) To Eight Other Channels 1D1 1Q1 1CLKEN 1OE 1CLR 2 1 55 54 R 1D C1 3 CE 56 1CLK To Eight Other Channels 2D1 2Q1 2CLKEN 2OE 2CLR 27 28 30 42 R 1D C1 15 CE 29 2CLK absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high or power-off state, VO –0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . Current into any output in the low state, IO: SN54ABTH16823 96 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ABTH16823 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DGG package 81 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DL package 74 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51. |
유사한 부품 번호 - SN74ABTH16823DLR |
|
유사한 설명 - SN74ABTH16823DLR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |