전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYK140N90C3 데이터시트(PDF) 5 Page - IXYS Corporation

부품명 IXYK140N90C3
상세설명  XPTTM 900V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK140N90C3 데이터시트(HTML) 5 Page - IXYS Corporation

  IXYK140N90C3 Datasheet HTML 1Page - IXYS Corporation IXYK140N90C3 Datasheet HTML 2Page - IXYS Corporation IXYK140N90C3 Datasheet HTML 3Page - IXYS Corporation IXYK140N90C3 Datasheet HTML 4Page - IXYS Corporation IXYK140N90C3 Datasheet HTML 5Page - IXYS Corporation IXYK140N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK140N90C3
IXYX140N90C3
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
1
2
3
4
5
6
7
8
12
34
56
7
8
9
10
RG - Ohms
2
3
4
5
6
7
8
9
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 450V
I C = 50A
I C = 100A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
60
80
100
120
140
160
180
200
220
240
260
12
345
678
9
10
RG - Ohms
140
160
180
200
220
240
260
280
300
320
340
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 450V
I C = 100A
I C = 50A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
1
2
3
4
5
6
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
0
2
4
6
8
10
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 450V
TJ = 150ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
TJ - Degrees Centigrade
0
1
2
3
4
5
6
7
8
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 450V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
50
75
100
125
150
175
200
225
250
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
100
120
140
160
180
200
220
240
260
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 450V
TJ = 150ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
60
80
100
120
140
160
180
200
25
50
75
100
125
150
TJ - Degrees Centigrade
120
140
160
180
200
220
240
260
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 450V
I C = 100A
I C = 50A


유사한 부품 번호 - IXYK140N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
More results

유사한 설명 - IXYK140N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com