전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYT80N90C3 데이터시트(PDF) 2 Page - IXYS Corporation

부품명 IXYT80N90C3
상세설명  XPTTM 900V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYT80N90C3 데이터시트(HTML) 2 Page - IXYS Corporation

  IXYT80N90C3 Datasheet HTML 1Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 2Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 3Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 4Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 5Page - IXYS Corporation IXYT80N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYT80N90C3
IXYH80N90C3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
23
38
S
C
ies
4550
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
243
pF
C
res
77
pF
Q
g(on)
145
nC
Q
ge
I
C = 80A, VGE = 15V, VCE = 0.5 • VCES
42
nC
Q
gc
65
nC
t
d(on)
34
ns
t
ri
103
ns
E
on
4.3
mJ
t
d(off)
90
ns
t
fi
86
ns
E
off
1.9
2.7
mJ
t
d(on)
34
ns
t
ri
100
ns
E
on
5.7
mJ
t
d(off)
103
ns
t
fi
98
ns
E
off
2.5
mJ
R
thJC
0.18 °C/W
R
thCS
TO-247
0.21
°C/W
Inductive load, T
J = 25°C
I
C = 80A, VGE = 15V
V
CE = 0.5 • VCES, RG = 2
Note 2
Inductive load, T
J = 150°C
I
C = 80A, VGE = 15V
V
CE = 0.5 • VCES, RG = 2
Note 2
TO-247 Outline
Terminals: 1 - Gate
2 - Collector
3 - Emitter
TO-268 Outline
Terminals: 1 - Gate
2,4 - Collector
3 - Emitter
e
P
1
2
3
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC


유사한 부품 번호 - IXYT80N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
More results

유사한 설명 - IXYT80N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYP8N90C3 IXYS-IXYP8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com