전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYK100N120B3 데이터시트(PDF) 5 Page - IXYS Corporation

부품명 IXYK100N120B3
상세설명  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYK100N120B3 데이터시트(HTML) 5 Page - IXYS Corporation

  IXYK100N120B3 Datasheet HTML 1Page - IXYS Corporation IXYK100N120B3 Datasheet HTML 2Page - IXYS Corporation IXYK100N120B3 Datasheet HTML 3Page - IXYS Corporation IXYK100N120B3 Datasheet HTML 4Page - IXYS Corporation IXYK100N120B3 Datasheet HTML 5Page - IXYS Corporation IXYK100N120B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK100N120B3
IXYX100N120B3
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
6
7
8
9
10
11
12
13
1
2345
67
89
10
RG - Ohms
4
6
8
10
12
14
16
18
Eoff
Eon - - - -
TJ = 150ºC , VGE = 15V
VCE = 600V
I C = 50A
I C = 100A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
0
100
200
300
400
500
600
700
800
12345
6789
10
RG - Ohms
150
200
250
300
350
400
450
500
550
t f i
td(off) - - - -
TJ = 150ºC, VGE = 15V
VCE = 600V
I C = 100A
I C = 50A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
4
5
6
7
8
9
10
11
12
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
0
2
4
6
8
10
12
14
16
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
TJ = 150ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
4
5
6
7
8
9
10
11
12
25
50
75
100
125
150
TJ - Degrees Centigrade
0
2
4
6
8
10
12
14
16
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 600V
I C = 50A
I C = 100A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
200
250
300
350
400
450
500
550
600
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
130
150
170
190
210
230
250
270
290
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 600V
TJ = 150ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
100
200
300
400
500
600
700
25
50
75
100
125
150
TJ - Degrees Centigrade
100
140
180
220
260
300
340
t f i
td(off) - - - -
RG = 1, VGE = 15V
VCE = 600V
I C = 50A
I C = 100A


유사한 부품 번호 - IXYK100N120B3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYK100N120B3 IXYS-IXYK100N120B3 Datasheet
212Kb / 6P
   Preliminary Technical Information
More results

유사한 설명 - IXYK100N120B3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com