전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXYX140N90C3 데이터시트(PDF) 1 Page - IXYS Corporation

부품명 IXYX140N90C3
상세설명  XPTTM 900V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX140N90C3 데이터시트(HTML) 1 Page - IXYS Corporation

  IXYX140N90C3 Datasheet HTML 1Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 2Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 3Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 4Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 5Page - IXYS Corporation IXYX140N90C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXYK140N90C3
IXYX140N90C3
V
CES
= 900V
I
C110
= 140A
V
CE(sat)
≤≤≤≤≤ 2.7V
t
fi(typ)
= 105ns
DS100450B(02/13)
High-Speed IGBTs
for 20-50 kHz Switching
Features
Optimized for Low Switching Losses
Square RBSOA
International Standard Packages
Positive Thermal Coefficient of
Vce(sat)
Avalanche Rated
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
950
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.5
5.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
1.25 mA
I
GES
V
CE = 0V, VGE = ±20V
±100 nA
V
CE(sat)
I
C
=
I
C110, VGE = 15V, Note 1
2.15
2.70
V
T
J = 150°C
2.85
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
900
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
900
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25°C (Chip Capability)
310
A
I
LRMS
Terminal Current Limit
160
A
I
C110
T
C
= 110°C
140
A
I
CM
T
C
= 25°C, 1ms
840
A
I
A
T
C
= 25°C
70
A
E
AS
T
C
= 25°C
1
J
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 280
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
P
C
T
C
= 25°C
1630
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
XPTTM 900V IGBTs
GenX3TM
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264 (IXYK)
E
G
C
PLUS247 (IXYX)
G
Tab
Tab
E
C
G


유사한 부품 번호 - IXYX140N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYX140N90C3 IXYS-IXYX140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
More results

유사한 설명 - IXYX140N90C3

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
IXYK140N90C3 IXYS-IXYK140N90C3 Datasheet
211Kb / 6P
   XPTTM 900V IGBTs
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYT80N90C3 IXYS-IXYT80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYP8N90C3D1 IXYS-IXYP8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
IXYH80N90C3 IXYS-IXYH80N90C3 Datasheet
183Kb / 6P
   XPTTM 900V IGBT
IXYY8N90C3 IXYS-IXYY8N90C3 Datasheet
178Kb / 6P
   900V XPTTM IGBT
IXXA50N60B3 IXYS-IXXA50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
IXYX120N120C3 IXYS-IXYX120N120C3 Datasheet
211Kb / 6P
   1200V XPTTM IGBTs
IXYA8N90C3D1 IXYS-IXYA8N90C3D1 Datasheet
336Kb / 7P
   900V XPTTM IGBT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com