전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT1284DBLE 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ACT1284DBLE
상세설명  7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT1284DBLE 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ACT1284DBLE Datasheet HTML 1Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 2Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 3Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 4Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 5Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 6Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 7Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 8Page - Texas Instruments SN74ACT1284DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54ACT1284, SN74ACT1284
7BIT BUS INTERFACES
WITH 3STATE OUTPUTS
SCAS459D − NOVEMBER 1994 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 20 ns at 5 V
D 3-State Outputs Directly Drive Bus Lines
D Flow-Through Architecture Optimizes PCB
Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
D Designed for the IEEE 1284-I (Level-1 Type)
and IEEE 1284-II (Level-2 Type) Electrical
Specifications
description/ordering information
The
’ACT1284
devices
are
designed
for
asynchronous two-way communication between
data buses. The control function minimizes
external timing requirements.
The devices allow data transmission in either the
A-to-B or the B-to-A direction for bits 1, 2, 3, and
4,
depending
on
the
logic
level
at
the
direction-control (DIR) input. Bits 5, 6, and 7,
however, always transmit in the A-to-B direction.
The output drive for each mode is determined by the high-drive (HD) control pin. When HD is high, the high drive
is delivered by the totem-pole configuration, and when HD is low, the outputs are open drain. This meets the
drive requirements as specified in the IEEE 1284-I (level-1 type) and the IEEE 1284-II (level-2 type) parallel
peripheral-interface specification.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − DW
Tube
SN74ACT1284DW
ACT1284
SOIC − DW
Tape and reel
SN74ACT1284DWR
ACT1284
0
°C to 70°C
SOP − NS
Tape and reel
SN74ACT1284NSR
ACT1284
0
°C to 70°C
SSOP − DB
Tape and reel
SN74ACT1284DBR
AU284
TSSOP − PW
Tube
SN74ACT1284PW
AU284
TSSOP − PW
Tape and reel
SN74ACT1284PWR
AU284
CDIP − J
Tube
SNJ54ACT1284J
SNJ54ACT1284J
−55
°C to 125°C
CFP − W
Tube
SNJ54ACT1284W
SNJ54ACT1284W
−55 C to 125 C
LCCC − FK
Tube
SNJ54ACT1284FK
SNJ54ACT1284FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A1
A2
A3
A4
GND
GND
A5
A6
A7
DIR
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
HD
SN54ACT1284 ...J OR W PACKAGE
SN74ACT1284 . . . DB, DW, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B3
B4
VCC
VCC
B5
A4
GND
GND
A5
A6
SN54ACT1284 . . . FK PACKAGE
(TOP VIEW)


유사한 부품 번호 - SN74ACT1284DBLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ACT1284DBLE TI-SN74ACT1284DBLE Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ACT1284DBLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ACT1284 TI-SN54ACT1284 Datasheet
287Kb / 12P
[Old version datasheet]   7-BIT BUS INTERFACES WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC861A TI-SN74LVC861A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com