전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC00DR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC00DR
상세설명  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC00DR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AHC00DR Datasheet HTML 1Page - Texas Instruments SN74AHC00DR Datasheet HTML 2Page - Texas Instruments SN74AHC00DR Datasheet HTML 3Page - Texas Instruments SN74AHC00DR Datasheet HTML 4Page - Texas Instruments SN74AHC00DR Datasheet HTML 5Page - Texas Instruments SN74AHC00DR Datasheet HTML 6Page - Texas Instruments SN74AHC00DR Datasheet HTML 7Page - Texas Instruments SN74AHC00DR Datasheet HTML 8Page - Texas Instruments SN74AHC00DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SN54AHC00
SN74AHC00
SCLS227J – OCTOBER 1995 – REVISED MAY 2013
www.ti.com
NOISE CHARACTERISTICS
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
SN74AHC00
UNIT
PARAMETER
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.3
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.3
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.6
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
OPERATING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
9.5
pF
4
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: SN54AHC00 SN74AHC00


유사한 부품 번호 - SN74AHC00DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC00DR TI-SN74AHC00DR Datasheet
633Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00DR TI-SN74AHC00DR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00DR TI-SN74AHC00DR Datasheet
914Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHC00DR TI-SN74AHC00DR Datasheet
2Mb / 37P
[Old version datasheet]   SNx4AHC00 Quadruple 2-Input Positive-NAND Gates
REVISED JUNE 2023
SN74AHC00DRE4 TI-SN74AHC00DRE4 Datasheet
914Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

유사한 설명 - SN74AHC00DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com