전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC594 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC594
상세설명  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHC594 Datasheet HTML 1Page - Texas Instruments SN74AHC594 Datasheet HTML 2Page - Texas Instruments SN74AHC594 Datasheet HTML 3Page - Texas Instruments SN74AHC594 Datasheet HTML 4Page - Texas Instruments SN74AHC594 Datasheet HTML 5Page - Texas Instruments SN74AHC594 Datasheet HTML 6Page - Texas Instruments SN74AHC594 Datasheet HTML 7Page - Texas Instruments SN74AHC594 Datasheet HTML 8Page - Texas Instruments SN74AHC594 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
R
3D
C3
1D
C1
R
R
3D
C3
2D
C2
R
R
3D
C3
2D
C2
R
R
3D
C3
2D
C2
R
R
3D
C3
2D
C2
R
R
3D
C3
2D
C2
R
R
3D
C3
2D
C2
R
R
3D
C3
2D
C2
R
13
12
10
11
14
15
1
2
3
4
5
6
7
9
QA
QB
QC
QD
QE
QF
QG
QH
QH′
RCLR
SRCLR
RCLK
SRCLK
SER
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Q
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHC594, SN74AHC594
SCLS423G – JUNE 1998 – REVISED JULY 2014
SNx4AHC594 8-Bit Shift Registers With Output Registers
1 Features
3 Description
The SNx4AHC594 devices contain an 8-bit serial-in,
1
Operating Range 2-V to 5.5-V VCC
parallel-out shift register that feeds an 8-bit D-type
8-Bit Serial-In, Parallel-Out Shift Registers with
storage
register.
Separate
clocks
and
direct
Storage
overriding clear (SRCLR, RCLR) inputs are provided
Independent Direct Overriding Clears on Shift and
on the shift and storage registers. A serial (QH′)
output is provided for cascading purposes.
Storage Registers
Independent Clocks for Shift and Storage
Device Information(1)
Registers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Latch-Up Performance Exceeds 100 mA Per
SOIC (16)
9.90 mm × 3.91 mm
JESD 78, Class II
SSOP (16)
6.20 mm × 5.30 mm
ESD Protection Exceeds JESD 22
SNx4AHC594
PDIP (16)
19.30 mm × 6.35 mm
2000-V Human-Body Model (A114-A)
SOP (16)
12.60 mm × 5.30 mm
200-V Machine Model (A115-A)
TSSOP (16)
5.00 mm × 4.40 mm
1000-V Charged-Device Model (C101)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Network Switches
Power Infrastructures
PCs and Notebooks
LED Displays
Servers
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


유사한 부품 번호 - SN74AHC594

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC594 TI-SN74AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594 TI-SN74AHC594 Datasheet
561Kb / 18P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN74AHC594 TI1-SN74AHC594 Datasheet
1Mb / 32P
[Old version datasheet]   SN74AHC594-Q1 Automotive 8-Bit Shift Register With Output Registers
MARCH 2024
SN74AHC594-Q1 TI1-SN74AHC594-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SN74AHC594-Q1 Automotive 8-Bit Shift Register With Output Registers
MARCH 2024
SN74AHC594D TI-SN74AHC594D Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

유사한 설명 - SN74AHC594

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com