전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC157PWLE 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AHC157PWLE
상세설명  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC157PWLE 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AHC157PWLE Datasheet HTML 1Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 2Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 3Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 4Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 5Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 6Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 7Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 8Page - Texas Instruments SN74AHC157PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SN54AHC157
SN74AHC157
www.ti.com
SCLS345J – MAY 1996 – REVISED JUNE 2013
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C TO
TA = –55°C TO
TA = –40°C TO
125°C
125°C
85°C
TA = 25°C
FROM
TO
LOAD
Recommended
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
SN54AHC157
SN74AHC157
SN74AHC157
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
4.1(1)
6.4(1)
1(1)
7.5(1)
1
7.5
1
7.5
A or B
Y
CL = 15 pF
ns
tPHL
4.1(1)
6.4(1)
1(1)
7.5(1)
1
7.5
1
7.5
tPLH
5.3(1)
8.1(1)
1(1)
9.5(1)
1
9.5
1
9.5
A/B
Y
CL = 15 pF
ns
tPHL
5.3(1)
8.1(1)
1(1)
9.5(1)
1
9.5
1
9.5
tPLH
5.6(1)
8.6(1)
1(1)
10(1)
1
10
1
10
G
Y
CL = 15 pF
ns
tPHL
5.6(1)
8.6(1)
1(1)
10(1)
1
10
1
10
tPLH
5.6(1)
8.4(1)
1(1)
9.5(1)
1
9.5
1
9.5
A or B
Y
CL = 50 pF
ns
tPHL
5.6(1)
8.4(1)
1(1)
9.5(1)
1
9.5
1
9.5
tPLH
6.8(1)
10.1(1)
1(1)
11.5(1)
1
11.5
1
11.5
A/B
Y
CL = 50 pF
ns
tPHL
6.8(1)
10.1(1)
1(1)
11.5(1)
1
11.5
1
11.5
tPLH
7.1(1)
10.6(1)
1(1)
12(1)
1
12
1
12
G
Y
CL = 50 pF
ns
tPHL
7.1(1)
10.6(1)
1(1)
12(1)
1
12
1
12
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
NOISE CHARACTERISTICS
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
SN74AHC157
UNIT
PARAMETER
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.8
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
(1)
Characteristics are for surface-mount packages only.
OPERATING CHARACTERISTICS
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
11
pF
Copyright © 1996–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHC157 SN74AHC157


유사한 부품 번호 - SN74AHC157PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC157PWLE TI-SN74AHC157PWLE Datasheet
101Kb / 19P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

유사한 설명 - SN74AHC157PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN54HC157 TI-SN54HC157 Datasheet
515Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHC158 TI-SN54AHC158 Datasheet
116Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com