전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4840DY-T1 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4840DY-T1
상세설명  N-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4840DY-T1 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4840DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4840DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4840DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4840DY-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si4840DY
Vishay Siliconix
Document Number: 71188
S-03950—Rev. B, 16-May-03
www.vishay.com
2-1
N-Channel 40-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
40
0.009 @ VGS = 10 V
14
40
0.012 @ VGS = 4.5 V
12
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
D
G
S
N-Channel MOSFET
Ordering Information: Si4840DY
Si4840DY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
14
10
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
11
8
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)a
IS
2.8
1.4
Maximum Power Dissipationa
TA = 25_C
PD
3.1
1.56
W
Maximum Power Dissipationa
TA = 70_C
PD
2.0
1.0
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
33
40
Maximum Junction-to-Ambienta
Steady State
RthJA
65
80
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


유사한 부품 번호 - SI4840DY-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4840DY-T1-E3 VISHAY-SI4840DY-T1-E3 Datasheet
249Kb / 8P
   N-Channel 40-V (D-S) MOSFET
Rev. E, 18-May-09
logo
VBsemi Electronics Co.,...
SI4840DY-T1-E3 VBSEMI-SI4840DY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
More results

유사한 설명 - SI4840DY-T1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com