전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040C25IDCKT 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4040C25IDCKT
상세설명  Precision Micropower Shunt Voltage Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040C25IDCKT 데이터시트(HTML) 4 Page - Texas Instruments

  LM4040C25IDCKT Datasheet HTML 1Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 2Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 3Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 4Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 5Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 6Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 7Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 8Page - Texas Instruments LM4040C25IDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
* Pin 3 is attached to substrate and must be
connected to ANODE or left open.
DBZ (SOT-23) PACKAGE
(TOP VIEW)
CATHODE
ANODE
DCK (SC-70) PACKAGE
(TOP VIEW)
ANODE
NC
CATHODE
NC
NC
1
2
3*
1
2
3
5
4
NC – No internal connection
LM4040A10, LM4040A20
SLOS456M – JANUARY 2005 – REVISED JANUARY 2015
www.ti.com
6 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
DCK
CATHODE
1
3
I/O
Shunt Current/Voltage input
ANODE
2
1
O
Common pin, normally connected to ground
NC
2, 4, 5
I
No Internal Connection
*
3
I
Substrate Connection
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM4040A10 LM4040A20


유사한 부품 번호 - LM4040C25IDCKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4040C25IDCKT TI-LM4040C25IDCKT Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25IDCKT TI-LM4040C25IDCKT Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25IDCKT TI1-LM4040C25IDCKT Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040C25IDCKTE4 TI-LM4040C25IDCKTE4 Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25IDCKTE4 TI-LM4040C25IDCKTE4 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

유사한 설명 - LM4040C25IDCKT

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com