전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040DIM3X-10 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM4040DIM3X-10
상세설명  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040DIM3X-10 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM4040DIM3X-10 Datasheet HTML 6Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 7Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 8Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 9Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 10Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 11Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 12Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 13Page - Texas Instruments LM4040DIM3X-10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
LM4040-N, LM4040-N-Q1
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
6.7 Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'E'
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
VR
Reverse Breakdown
Voltage
IR = 100 μA
2.048
V
Reverse Breakdown
Voltage Tolerance(3)
IR = 100 μA
LM4040CEM3
TA = TJ = 25°C
±10
mV
TA = TJ = TMIN to TMAX
±30
LM4040DEM3
TA = TJ = 25°C
±20
TA = TJ = TMIN to TMAX
±50
LM4040EEM3
TA = TJ = 25°C
±41
TA = TJ = TMIN to TMAX
±70
IRMIN
Minimum Operating
Current
LM4040CEM3
TA = TJ = 25°C
45
60
μA
TA = TJ = TMIN to TMAX
68
LM4040DEM3
TA = TJ = 25°C
45
65
TA = TJ = TMIN to TMAX
73
LM4040EEM3
TA = TJ = 25°C
45
65
TA = TJ = TMIN to TMAX
73
ΔVR/ΔT
Average Reverse
Breakdown Voltage
Temperature
Coefficient(3)
IR = 10 mA
±20
ppm/°C
IR = 1 mA
LM4040CEM3
TA = TJ = 25°C
±15
TA = TJ = TMIN to TMAX
±100
LM4040DEM3
TA = TJ = 25°C
±15
TA = TJ = TMIN to TMAX
±150
LM4040EEM3
TA = TJ = 25°C
±15
TA = TJ = TMIN to TMAX
±150
IR = 100 μA
±15
ΔVR/ΔI
R
Reverse Breakdown
Voltage Change with
Operating Current
Change(4)
IRMIN ≤ IR ≤ 1 mA
LM4040CEM3
TA = TJ = 25°C
0.3
0.8
mV
TA = TJ = TMIN to TMAX
1
LM4040DEM3
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
LM4040EEM3
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
1 mA
≤ IR ≤ 15 mA
LM4040CEM3
TA = TJ = 25°C
2.5
6
TA = TJ = TMIN to TMAX
8
LM4040DEM3
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
LM4040EEM3
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10


유사한 부품 번호 - LM4040DIM3X-10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4040DIM3X-10 TI1-LM4040DIM3X-10 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
logo
National Semiconductor ...
LM4040DIM3X-10.0 NSC-LM4040DIM3X-10.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040DIM3X-10.0 NSC-LM4040DIM3X-10.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040DIM3X-10/NOPB TI1-LM4040DIM3X-10/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

유사한 설명 - LM4040DIM3X-10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com