전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC32Q-Q1 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AHC32Q-Q1
상세설명  QUADRUPLE 2-INPUT POSITIVE-OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC32Q-Q1 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AHC32Q-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN74AHC32QQ1
QUADRUPLE 2INPUT POSITIVEOR GATE
SGDS019A − FEBRUARY 2002 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
VCC
0 V
50% VCC
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
VOH − 0.3 V
Figure 1. Load Circuit and Voltage Waveforms


유사한 부품 번호 - SN74AHC32Q-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC32Q-Q1 TI-SN74AHC32Q-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC32Q-Q1 Quadruple 2-Input Positive-OR Gates
REVISED JUNE 2023
More results

유사한 설명 - SN74AHC32Q-Q1_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com