전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC32Q-Q1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC32Q-Q1
상세설명  QUADRUPLE 2-INPUT POSITIVE-OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC32Q-Q1 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHC32Q-Q1 Datasheet HTML 1Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 2Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 3Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 4Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 5Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 6Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 7Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 8Page - Texas Instruments SN74AHC32Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74AHC32QQ1
QUADRUPLE 2INPUT POSITIVEOR GATE
SGDS019A − FEBRUARY 2002 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D EPIC (Enhanced-Performance Implanted
CMOS) Process
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
description
The SN74AHC32Q is a quadruple 2-input positive-OR gate. This device performs the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − D
Tape and reel
SN74AHC32QDRQ1
AHC32Q
−40
°C to 125°C
TSSOP − PW
Tape and reel
SN74AHC32QPWRQ1
HA32Q
† For the most current package and ordering information, see the Package Option Addendum at the end of
this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
H
X
HH
L
L
L
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
D OR PW PACKAGE
(TOP VIEW)


유사한 부품 번호 - SN74AHC32Q-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI-SN74AHC32Q-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC32Q-Q1 Quadruple 2-Input Positive-OR Gates
REVISED JUNE 2023
SN74AHC32Q-Q1 TI-SN74AHC32Q-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC32Q-Q1 Quadruple 2-Input Positive-OR Gates
REVISED JUNE 2023
More results

유사한 설명 - SN74AHC32Q-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com