전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS34 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74ALS34
상세설명  HEX NONINVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS34 데이터시트(HTML) 3 Page - Texas Instruments

  SN74ALS34 Datasheet HTML 1Page - Texas Instruments SN74ALS34 Datasheet HTML 2Page - Texas Instruments SN74ALS34 Datasheet HTML 3Page - Texas Instruments SN74ALS34 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SN54AS34, SN74AS34
HEX NONINVERTERS
SDAS058A − D2261, DECEMBER 1983 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted),
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54AS34
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS34
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS34
SN74AS34
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−2
−2
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS34
SN74AS34
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = − 2 mA
VCC −2
VCC −2
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.35
0.5
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO]
VCC = 5.5 V,
VO = 2.25 V
−30
−112
−30
−112
mA
ICCH
VCC = 5.5 V,
VI = 4.5 V
7.4
12
7.4
12
mA
ICCL
VCC = 5.5 V,
VI = 0 V
21.3
34.6
21.3
34.6
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
PARAMETER
FROM
TO
RL = 500 Ω,
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TA = MIN to MAX
UNIT
(INPUT)
(OUTPUT)
SN54AS34
SN74AS34
MIN
MAX
MIN
MAX
tPLH
A
Y
1
6.5
1
5.5
ns
tPHL
A
Y
1
7
1
6
ns
NOTE 2: Load circuit and voltage waveforms are shown in Section 1 of ALS/AS Logic Data Book, 1986.


유사한 부품 번호 - SN74ALS34

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS34 TI-SN74ALS34 Datasheet
53Kb / 4P
[Old version datasheet]   HEX NONINVERTERS
SN74ALS34N TI-SN74ALS34N Datasheet
53Kb / 4P
[Old version datasheet]   HEX NONINVERTERS
SN74ALS34SD TI-SN74ALS34SD Datasheet
53Kb / 4P
[Old version datasheet]   HEX NONINVERTERS
More results

유사한 설명 - SN74ALS34

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54AC11034 TI-54AC11034 Datasheet
67Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
SN54ALS34 TI-SN54ALS34 Datasheet
53Kb / 4P
[Old version datasheet]   HEX NONINVERTERS
54ACT11034 TI-54ACT11034 Datasheet
64Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
54AC11034 TI1-54AC11034_09 Datasheet
80Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
54ACT11034 TI1-54ACT11034_09 Datasheet
79Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
logo
Renesas Technology Corp
HD74LV2G34A RENESAS-HD74LV2G34A_15 Datasheet
105Kb / 11P
   Triple Noninverters
HD74LV2G34A RENESAS-HD74LV2G34A Datasheet
81Kb / 9P
   Triple Noninverters
logo
Hitachi Semiconductor
HD74LV2G34A HITACHI-HD74LV2G34A Datasheet
86Kb / 9P
   Triple Noninverters
logo
Renesas Technology Corp
HD74LV2GT34A RENESAS-HD74LV2GT34A Datasheet
79Kb / 8P
   Triple Noninverters / CMOS Logic Level Shifter
HD74LV2GT34A RENESAS-HD74LV2GT34A_15 Datasheet
102Kb / 10P
   Triple Noninverters / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com