전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3306-15 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TPS3306-15
상세설명  DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS3306-15 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPS3306-15 Datasheet HTML 4Page - Texas Instruments TPS3306-15 Datasheet HTML 5Page - Texas Instruments TPS3306-15 Datasheet HTML 6Page - Texas Instruments TPS3306-15 Datasheet HTML 7Page - Texas Instruments TPS3306-15 Datasheet HTML 8Page - Texas Instruments TPS3306-15 Datasheet HTML 9Page - Texas Instruments TPS3306-15 Datasheet HTML 10Page - Texas Instruments TPS3306-15 Datasheet HTML 11Page - Texas Instruments TPS3306-15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
TPS3306-15
TPS3306-18, TPS3306-20
TPS3306-25, TPS3306-33
SLVS290A – APRIL 2000 – REVISED MAY 2004
at V
DD = 2.7 V to 6 V, RL= 1 MΩ, CL= 50 pF, TA= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SENSEn
VSENSEnL = VIT - 0.2 V, VSENSEnH = VIT + 0.2 V
6
µs
tw
Pulse width
WDI
VIH = 0.7 × VDD, VIL= 0.3 × VDD
100
ns
at V
DD = 2.7 V to 6 V, RL= 1 MΩ, CL = 50 pF, TA= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(SENSEn) ≥ VIT + 0.2 V,
tt(out)
Watchdog time out
0.5
0.8
1.2
s
See timing diagram
VI(SENSEn) ≥ VIT + 0.2 V,
td
Delay time
70
100
140
ms
See timing diagram
Propagation (delay) time,
tPHL
SENSEn to RESET
VIH = VIT + 0.2 V, VIL = VIT - 0.2 V
1
5
µs
high-to-low level output
Propagation (delay) time,
tPHL
high-to-low level output
PFI to PFO
0.5
1
µs
Propagation (delay) time,
tPLH
low-to-high level output
8


유사한 부품 번호 - TPS3306-15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS3306-15 TI-TPS3306-15 Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
TPS3306-15 TI1-TPS3306-15 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results

유사한 설명 - TPS3306-15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com