전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS136N 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ALS136N
상세설명  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS136N 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS136N Datasheet HTML 1Page - Texas Instruments SN74ALS136N Datasheet HTML 2Page - Texas Instruments SN74ALS136N Datasheet HTML 3Page - Texas Instruments SN74ALS136N Datasheet HTML 4Page - Texas Instruments SN74ALS136N Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54ALS136, SN54AS136, SN74ALS136, SN74AS136
QUADRUPLE 2INPUT EXCLUSIVEOR GATES
WITH OPENCOLLECTOR OUTPUTS
SDAS162 − MARCH 1984−REVISED OCTOBER 1988
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1991, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all
parameters.
Package Options include Plastic “Small
Outline” Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
Dependable Texas Instruments Quality and
Reliability
description
These
devices
contain
four
independent
Exclusive-OR gates with open-collector outputs.
They
perform
the
Boolean
functions
Y = A
⊕ B = AB + AB in positive logic.
A common application is a true/complement
element. If one of the inputs is low, the other input
will be reproduced in true form at the output. If one
of the inputs is high, the signal on the other input
will be reproduced inverted at the output.
The SN54ALS136 and SN54AS136 are charac-
terized for operation over the full military
temperature range of −55
°C to 125°C. The
SN74ALS136 and SN74AS136 are characterized
for operation from 0
°C to 70°C.
logic symbol
11
=1
8
6
3
4B
3B
2B
1B
4A
3A
2A
1A
4Y
3Y
2Y
1Y
1
2
4
5
9
10
12
13
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for D, J, and N packages.
SN54ALS136, SN54AS136 ...J PACKAGE
SN74ALS136, SN74AS136 ...D OR N PACKAGE
(TOP VIEW)
SN54ALS136, SN54AS136 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
FUNCTION TABLE
(each gate)
OUTPUT
INPUTS
AB
Y
LL
L
L
L
L
H
H
HH
H
H
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B


유사한 부품 번호 - SN74ALS136N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS136N TI-SN74ALS136N Datasheet
39Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
More results

유사한 설명 - SN74ALS136N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS136 TI-SN54ALS136 Datasheet
39Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54136 TI-SN54136 Datasheet
190Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS136 HITACHI-HD74LS136 Datasheet
45Kb / 5P
   Quadruple 2-input Exclusive-OR Gates(with open collector outputs)
logo
Renesas Technology Corp
HD74LS136 RENESAS-HD74LS136 Datasheet
60Kb / 4P
   Quadruple 2-Input Exclusive-OR Gates (with open collector outputs)
logo
Texas Instruments
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS266 RENESAS-HD74LS266 Datasheet
146Kb / 4P
   Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
logo
Texas Instruments
SN74ALS811 TI1-SN74ALS811 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN54LS266 TI-SN54LS266_07 Datasheet
610Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS266 HITACHI-HD74LS266 Datasheet
46Kb / 5P
   Quadruple 2-input Exclusive-NOR Gates(with open collector outputs)
logo
Texas Instruments
SN74LS266J TI-SN74LS266J Datasheet
483Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com