전자부품 데이터시트 검색엔진 |
|
SN74ALS541-1NSR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74ALS541-1NSR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 19 page SN54ALS541, SN74ALS540, SN74ALS541 OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS SDAS025D – APRIL 1982 – REVISED MARCH 2002 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers D pnp Inputs Reduce dc Loading D Data Flowthrough Pinout (All Inputs on Opposite Side From Outputs) description These octal buffers and line drivers are designed to have the performance of the popular SN54ALS240A/ SN74ALS240A series and, at the same time, offer a pinout with inputs and outputs on opposite sides of the package. This arrangement greatly facilitates printed circuit board layout. The 3-state control gate is a 2-input NOR gate such that, if either output-enable (OE1 or OE2) input is high, all eight outputs are in the high-impedance state. The SN74ALS540 provides inverted data. The ’ALS541 provide true data at the outputs. The -1 versions of SN74ALS540 and SN74ALS541 are identical to the standard versions, except that the recommended maximum IOL is increased to 48 mA. There is no -1 version of the SN54ALS541. Copyright 2002, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54ALS541 ...J PACKAGE SN74ALS540 ...DW, N, OR NS PACKAGE SN74ALS541 . . . DB, DW, N, OR NS PACKAGE (TOP VIEW) SN54ALS541 . . . FK PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE1 A1 A2 A3 A4 A5 A6 A7 A8 GND VCC OE2 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 Y1 Y2 Y3 Y4 Y5 A3 A4 A5 A6 A7 On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74ALS541-1NSR |
|
유사한 설명 - SN74ALS541-1NSR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |