전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G00 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SN74AUP1G00
상세설명  Low-Power Single 2-Input Positive-NAND Gate
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G00 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G00_16 Datasheet HTML 6Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 7Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 8Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 9Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 10Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 11Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 12Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 13Page - Texas Instruments SN74AUP1G00_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. All parameters and waveforms are not applicable to all devices.
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
5, 10, 15, 30 pF
VCC/2
VCC
0.1 V
CL
VM
VI
V
5, 10, 15, 30 pF
VCC/2
VCC
0.15 V
5, 10, 15, 30 pF
VCC/2
VCC
0.3 V
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH - V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ/tPZL
tPHZ/tPZH
2
× VCC
GND
TEST
S1
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
GND
5 k
5 k
2
× VCC
SN74AUP1G00
SCES604I – SEPTEMBER 2004 – REVISED JUNE 2014
www.ti.com
8.2 Enable and Disable Times
Figure 4. Load Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G00


유사한 부품 번호 - SN74AUP1G00_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G00_101 TI-SN74AUP1G00_101 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
More results

유사한 설명 - SN74AUP1G00_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G00 TI-SN74AUP1G00 Datasheet
314Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00_101 TI-SN74AUP1G00_101 Datasheet
987Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI-SN74AUP1G00_07 Datasheet
551Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1G00 TI1-SN74AUP1G00_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G00 Low-Power Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com