전자부품 데이터시트 검색엔진 |
|
SN74AUP1G07 데이터시트(PDF) 11 Page - Texas Instruments |
|
SN74AUP1G07 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 34 page 3.3 V Bus Driver 1 V Micro Processor VCC 0.1 F µ 1 V regulated Driver µC vpu 10K SN74AUP1G07 www.ti.com SCES591J – JULY 2004 – REVISED JUNE 2014 10 Application and Implementation 10.1 Application Information The AUP family is TI's premier solution to the industry’s low-power needs in battery-powered portable applications. This family ensures a very low static and dynamic power consumption across the entire VCC range of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity. It has a small amount of hysteresis built in allowing for slower or noisy input signals. The lowered drive produces slower edges and prevents overshoot and undershoot on the outputs. 10.2 Typical Application Figure 5. Typical Application Schematic 10.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus contention because it can drive currents that would exceed maximum limits. 10.2.2 Detailed Design Procedure 1. Recommended Input conditions – Rise time and fall time specs. See ( Δt/ΔV) in Recommended Operating Conditions – Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions – Inputs are overvoltage tolerant allowing them to go as high as 3.6 V at any valid VCC 2. Recommend output conditions – Load currents should not exceed 20 mA on the output and 50 mA total for the part Copyright © 2004–2014, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: SN74AUP1G07 |
유사한 부품 번호 - SN74AUP1G07_16 |
|
유사한 설명 - SN74AUP1G07_16 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |