전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G32 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G32
상세설명  Low-Power Single 2-Input Positive-OR Gate
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G32 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G32 Datasheet HTML 7Page - Texas Instruments SN74AUP1G32 Datasheet HTML 8Page - Texas Instruments SN74AUP1G32 Datasheet HTML 9Page - Texas Instruments SN74AUP1G32 Datasheet HTML 10Page - Texas Instruments SN74AUP1G32 Datasheet HTML 11Page - Texas Instruments SN74AUP1G32 Datasheet HTML 12Page - Texas Instruments SN74AUP1G32 Datasheet HTML 13Page - Texas Instruments SN74AUP1G32 Datasheet HTML 14Page - Texas Instruments SN74AUP1G32 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
3.3-V Bus driver
VCC
1-V Micro Processor
0.1 µF
Driver
µC
1 V regulated
SN74AUP1G32
www.ti.com
SCES580I – JUNE 2004 – REVISED JUNE 2014
10 Application and Implementation
10.1 Application Information
The AUP family is TI's premier solution to the industry’s low-power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity. It
has a small amount of hysteresis built in allowing for slower or noisy input signals. The lowered drive produces
slower edges and prevents overshoot and undershoot on the outputs.
The AUP family of single gate logic makes excellent translators for the new lower voltage Micro- processors that
typically are powered from 0.8 V to 1.2 V. They can drop the voltage of peripheral drivers and accessories that
are still powered by 3.3 V to the new uC power levels.
10.2 Typical Application
Figure 5. Typical Application Schematic
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits.
10.2.2 Detailed Design Procedure
1. Recommended Input conditions
Rise time and fall time specifications. See (
Δt/ΔV) in Recommended Operating Conditions table.
Specified high and low levels. See (VIH and VIL) in Recommended Operating Conditions table.
Inputs are overvoltage tolerant allowing them to go as high as 3.6 V at any valid VCC
2. Recommend output conditions
Load currents should not exceed 20 mA on the output and 50 mA total for the part
Outputs should not be pulled above VCC
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74AUP1G32


유사한 부품 번호 - SN74AUP1G32

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DBVR TI-SN74AUP1G32DBVR Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DBVR TI-SN74AUP1G32DBVR Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32DBVRE4 TI-SN74AUP1G32DBVRE4 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results

유사한 설명 - SN74AUP1G32

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32 Datasheet
417Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com