전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74BCT2414DWG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 SN74BCT2414DWG4
상세설명  MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2414DWG4 데이터시트(HTML) 2 Page - Texas Instruments

  SN74BCT2414DWG4 Datasheet HTML 1Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 2Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 3Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 4Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 5Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 6Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 7Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 8Page - Texas Instruments SN74BCT2414DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74BCT2414
MEMORY DECODER
WITH ONCHIP SUPPLY VOLTAGE MONITOR
SCBS059B − MARCH 1989 − REVISED NOVEMBER 1993
2−2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbol
VCOMP
20
9
X/Y
X/Y
X > 3.65 V
VCC
&
EN
2
SD
G
EN
7
2
5
1
3
EN
8
2
6
1
4
2Y0
14
0
2Y1
13
1
2Y2
12
2
2Y3
11
3
1Y0
18
0
1Y1
17
1
1Y2
16
2
1Y3
15
3
VS
1
1A
1B
2A
2B
1G
2G
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


유사한 부품 번호 - SN74BCT2414DWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
More results

유사한 설명 - SN74BCT2414DWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT2414 TI-SN74BCT2414 Datasheet
129Kb / 9P
[Old version datasheet]   MEMORY DECODER WITH ON-CHIP SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM560 ZETEX-ZSM560 Datasheet
136Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33064 ZETEX-ZM33064 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com