전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4946 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4946
상세설명  Output Capacitor-Less Audio Subsystem with Programmable TI 3D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4946 데이터시트(HTML) 2 Page - Texas Instruments

  LM4946 Datasheet HTML 1Page - Texas Instruments LM4946 Datasheet HTML 2Page - Texas Instruments LM4946 Datasheet HTML 3Page - Texas Instruments LM4946 Datasheet HTML 4Page - Texas Instruments LM4946 Datasheet HTML 5Page - Texas Instruments LM4946 Datasheet HTML 6Page - Texas Instruments LM4946 Datasheet HTML 7Page - Texas Instruments LM4946 Datasheet HTML 8Page - Texas Instruments LM4946 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
8:
MONO +
MONO-
R OUT
Handsfree
Speaker
AUDIO
INPUT
AUDIO
INPUT
0.22 PF
CIN 1
Mixer
and
Output
Mode
Select
Interface
6 dB
SDA
SCL
ID_ENB
RIN
LIN
3D
LOUT
Bias
2.2 PF
CB
Bypass
C3DR
C3DL
Volume Control
-54 dB to +18 dB
MONO_IN+
MONO_IN-
+
-
Volume Control
-54 dB to +18 dB
Volume Control
-54 dB to +18 dB
-6 dB
VOC
0.22 PF
CIN 2
CIN 3
CIN4
CO
100 PF
32:
CO
100 PF
32:
1 PF
1 PF
0.1 PF
CS1
1 PF
ceramic
CS2
GND
0 dB
0 dB
VDD
I 2C/SPI
I2CSPI_VDD
I2CSPI_SEL
8:
MONO +
MONO -
R OUT
32:
Handsfree
Speaker
AUDIO
INPUT
AUDIO
INPUT
C
IN1
Mixer
and
Output
Mode
Select
Interface
6dB
I2
SDA
SCL
ID_ENB
3D
L OUT
32:
V
DD
Bias
C
B
Bypass
C3DR
C3DL
Volume Control
-54dB to +18dB
MONO_IN+
MONO_IN-
+
-
Volume Control
-54dB to +18dB
Volume Control
-54dB to +18dB
-6dB
VOC
1 PF
1 PF
0.1 PF
CS1
1 PF
ceramic
CS2
GND
0dB
0dB
RIN
C
IN2
0.22 PF
0.22 PF
L IN
C
IN 4
CIN 3
CSPI_V
DD
I2CSPI_SEL
I2C/SPI
2.2 PF
LM4946
SNAS335E – JANUARY 2006 – REVISED AUGUST 2007
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit-Output Capacitor-less
Figure 2. Typical Audio Amplifier Application Circuit-Single Ended
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM4946


유사한 부품 번호 - LM4946

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4946 NSC-LM4946 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
logo
Shanghai Leiditech Elec...
LM4946 LEIDITECH-LM4946 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
National Semiconductor ...
LM4946SQ NSC-LM4946SQ Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4946TM NSC-LM4946TM Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4946 NSC-LM4946_07 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
More results

유사한 설명 - LM4946

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4946 NSC-LM4946_07 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4846 NSC-LM4846 Datasheet
686Kb / 19P
   Output Capacitor-less Audio Subsystem with Programmable National 3D
LM4845 NSC-LM4845 Datasheet
1Mb / 29P
   Output Capacitor-less Audio Subsystem with Programmable National 3D
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com