전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4946 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4946
상세설명  Output Capacitor-Less Audio Subsystem with Programmable TI 3D
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4946 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM4946 Datasheet HTML 6Page - Texas Instruments LM4946 Datasheet HTML 7Page - Texas Instruments LM4946 Datasheet HTML 8Page - Texas Instruments LM4946 Datasheet HTML 9Page - Texas Instruments LM4946 Datasheet HTML 10Page - Texas Instruments LM4946 Datasheet HTML 11Page - Texas Instruments LM4946 Datasheet HTML 12Page - Texas Instruments LM4946 Datasheet HTML 13Page - Texas Instruments LM4946 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LM4946
SNAS335E – JANUARY 2006 – REVISED AUGUST 2007
www.ti.com
I
2C/SPI WQFN/DSBGA(1)(2) (continued)
The following specifications apply for VDD = 5.0V and 3.3V, TA = 25°C, 2.2V ≤ I
2CSPI_V
DD ≤ 5.5V, unless otherwise specified.
Symbol
Parameter
Conditions
LM4946(3)
Units
(Limits)(4)
Typical(5)
Limits(6) (2)
tDH
SPI Data Hold Time
100
ns (min)
tEH
SPI Enable Hold Time
100
ns (min)
tCL
SPI Clock Low Time
500
ns (min)
tCH
SPI Clock High Time
500
ns (min)
0.7xI2CSPI
VIH
I2C/SPI Input Voltage High
V (min)
VDD
0.3xI2CSPI
VIL
I2C/SPI Input Voltage Low
V (max)
VDD
I
2C/SPI DSBGA only(1)(2)
The following specifications apply for VDD = 5.0V and 3.3V, TA = 25°C, 1.7V ≤ I
2CSPI_V
DD ≤ 2.2V, unless otherwise specified.
Symbol
Parameter
Conditions
LM4946
Units
(Limits)(3)
Typical(4)
Limits(5) (2)
t1
I2C Clock Period
2.5
µs (min)
t2
I2C Data Setup Time
250
ns (min)
t3
I2C Data Stable Time
0
ns (min)
t4
Start Condition Time
250
ns (min)
t5
Stop Condition Time
250
ns (min)
t6
I2C Data Hold Time
250
ns (min)
fSPI
Maximum SPI Frequency
250
kHz (max)
tEL
SPI ENB High Time
250
ns (min)
tDS
SPI Data Setup Time
250
ns (min)
tES
SPI ENB Setup Time
250
ns (min)
tDH
SPI Data Hold Time
250
ns (min)
tEH
SPI Enable Hold Time
250
ns (min)
tCL
SPI Clock Low Time
500
ns (min)
tCH
SPI Clock High Time
500
ns (min)
0.7xI2CSPI
VIH
I2C/SPI Input Voltage High
V (min)
VDD
0.25 xI2CSPI
VIL
I2C/SPI Input Voltage Low
V (max)
VDD
(1)
Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured
specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
Some performance characteristics may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Datasheet min/max specifications are specified by design, test, or statistical analysis.
(4)
Typical specifications are specified at +25°C and represent the most likely parametric norm.
(5)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
10
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Links: LM4946


유사한 부품 번호 - LM4946

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4946 NSC-LM4946 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
logo
Shanghai Leiditech Elec...
LM4946 LEIDITECH-LM4946 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
National Semiconductor ...
LM4946SQ NSC-LM4946SQ Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4946TM NSC-LM4946TM Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4946 NSC-LM4946_07 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
More results

유사한 설명 - LM4946

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4946 NSC-LM4946_07 Datasheet
806Kb / 34P
   Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM4846 NSC-LM4846 Datasheet
686Kb / 19P
   Output Capacitor-less Audio Subsystem with Programmable National 3D
LM4845 NSC-LM4845 Datasheet
1Mb / 29P
   Output Capacitor-less Audio Subsystem with Programmable National 3D
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
   OUTPUT CAPACITOR-LESS
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250_10 Datasheet
190Kb / 10P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com