전자부품 데이터시트 검색엔진 |
|
SMBJ-LC54A 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SMBJ-LC54A 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 4 page Case : DO-214AA(SMB) Molded plastic SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR POWER: 600 Wa t t s VOLTAGE RANGE: 5.0 - 188 8 V SMBJ-LC5.0A(CA) - SMBJ-LC188A(CA) Mounting position : Any Polarity : Color band denotes cathode end Lead : Lead Formed for Surface Mount Epoxy : UL94V-O rate flame retardant Very response Time Excellent clamping capability Low 600W peak pulse power capability with a 10/1000µs waveform junction capacitance Peak Pulse Power Dissipation on 10/1000 μs waveform (1)(2) W Peak Pulse Current on 10/1000 μs waveform (1) A Typical Thermal resistance, Junction to ambient °C/W Operating Junction and Storage Temperature Range TJ, TSTG - 55 to + 150 °C Notes : (1) Non-repetitive Current pulse and derated above Ta = 25 °C (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal. RӨJA 100 Minimum 600 See Table IPPM PPPM Maximum Ratings Rating at 25 °C ambient temperature unless otherwise specified. Features Mechanical Data 1 of 4 ! ! ! ! ! ! ! ! www.sunmate.tw SMB(DO-214AA) Dim Min Max A B C 1.91 2.21 D 0.15 0.31 E 5.00 5.59 G 0.10 0.20 H 0.76 1.52 J 2.00 2.62 All Dimensions in mm A B C D G H E J 3.30 3.94 4.06 4.70 A B C D G H E J Symbol Value Units Characteristic Weight: 0.093 grams (approx.) ! |
유사한 부품 번호 - SMBJ-LC54A |
|
유사한 설명 - SMBJ-LC54A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |