전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1587AT15 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN1587AT15
상세설명  3A Adjustable/Fixed Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1587AT15 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN1587AT15 Datasheet HTML 3Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 4Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 5Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 6Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 7Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 8Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 9Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 10Page - Fairchild Semiconductor FAN1587AT15 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PRODUCT SPECIFICATION
FAN1587A
REV. 1.0.5 11/10/03
7
Applications Information
General
The FAN1587A, FAN1587A-1.5, and FAN1587A-3.3 are
three-terminal regulators optimized for GTL+ VTT termina-
tion applications. These devices are short-circuit protected,
and offer thermal shutdown to turn off the regulator when the
junction temperature exceeds about 150°C. The FAN1587A
series provides low dropout voltage and fast transient
response. Frequency compensation uses capacitors with low
ESR while still maintaining stability. This is critical in
addressing the needs of low voltage high speed microproces-
sor buses like GTL+.
Stability
The FAN1587A series require an output capacitor as a part
of the frequency compensation. It is recommended to use a
22µF solid tantalum or a 100µF aluminum electrolytic on the
output to ensure stability. The frequency compensation of
these devices optimizes the frequency response with low
ESR capacitors. It is recommended to use bypass capacitors
such as a 22µF tantalum or a 100µF aluminum on the adjust
pin of the FAN1587A for low ripple and fast transient
response. When these bypassing capacitors are not used at
the adjust pin, larger values of output capacitors provide
equally good results. Refer to Typical Performance Charac-
teristics for graph of stability of output capacitance ESR vs
load current.
Protection Diodes
In normal operation, the FAN1587A series does not require
any protection diodes. For the FAN1587A, internal resistors
limit internal current paths on the adjust pin. Therefore, even
with bypass capacitors on the adjust pin, no protection diode
is needed to ensure device safety under shortcircuit condi-
tions.
A protection diode between the input and output pins is usu-
ally not needed. An internal diode between the input and out-
put pins on the FAN1587A series can handle microsecond
surge currents of 50A to 100A. Even with large value output
capacitors it is difficult to obtain those values of surge cur-
rents in normal operation. Only with large values of output
capacitance, such as 1000
µF to 5000µF, and with the input
pin instantaneously shorted to ground can damage occur. A
crowbar circuit at the input can generate those levels of cur-
rent; a diode from output to input is then recommended, as
shown in Figure 11. Usually, normal power supply cycling or
system “hot plugging and unplugging” will not generate
current large enough to do any damage.
The adjust pin can be driven on a transient basis
±7V with
respect to the output, without any device degradation. As
with any IC regulator, exceeding the maximum input-to-
output voltage differential causes the internal transistors to
break down and none of the protection circuitry is then
functional.
Figure 11. Optional Protection
Ripple Rejection
In applications that require improved ripple rejection, a
bypass capacitor from the adjust pin of the FAN1587A to
ground reduces the output ripple by the ratio of VOUT/1.25V.
The impedance of the adjust pin capacitor at the ripple fre-
quency should be less than the value of R1 (typically in the
range of 100
Ω to 120Ω) in the feedback divider network in
Figure 11. Therefore, the value of the required adjust pin
capacitor is a function of the input ripple frequency. For
example, if R1 equals 100
Ω and the ripple frequency equals
120Hz, the adjust pin capacitor should be 22µF. At 10kHz,
only 0.22
µF is needed.
Output Voltage
The FAN1587A regulator develops a 1.25V reference volt-
age between the output pin and the adjust pin (see Figure
12). Placing a resistor R1 between these two terminals
causes a constant current to flow through R1 and down
through R2 to set the overall output voltage. Normally, this
current is the specified minimum load current of 10mA.
The current out of the adjust pin adds to the current from R1
and is typically 35
µA. Its output voltage contribution is
small and only needs consideration when very precise output
voltage setting is required.
FAN1587A
ADJ
CADJ
R2
R1
65-1587-13
+
C2
22
µF
VOUT
+
C1
22
µF
+
IN
OUT
D1
1N4002
(OPTIONAL)
VIN
FAN1587A-1.5, -3.3
GND
C2
22
µF
VOUT
C1
22
µF
+
+
IN
OUT
D1
1N4002
(OPTIONAL)
VIN


유사한 부품 번호 - FAN1587AT15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D15X FAIRCHILD-FAN1581D15X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D25X FAIRCHILD-FAN1581D25X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581DX FAIRCHILD-FAN1581DX Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581M12X FAIRCHILD-FAN1581M12X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

유사한 설명 - FAN1587AT15

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14