전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4992SDBD 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM4992SDBD
상세설명  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992SDBD 데이터시트(HTML) 4 Page - Texas Instruments

  LM4992SDBD Datasheet HTML 1Page - Texas Instruments LM4992SDBD Datasheet HTML 2Page - Texas Instruments LM4992SDBD Datasheet HTML 3Page - Texas Instruments LM4992SDBD Datasheet HTML 4Page - Texas Instruments LM4992SDBD Datasheet HTML 5Page - Texas Instruments LM4992SDBD Datasheet HTML 6Page - Texas Instruments LM4992SDBD Datasheet HTML 7Page - Texas Instruments LM4992SDBD Datasheet HTML 8Page - Texas Instruments LM4992SDBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4992, LM4992SDBD
SNAS220B – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS VDD = 5V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4992
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limit (4) (5)
VIN = 0V, Io = 0A, No Load
6
14
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
7
18
mA (max)
ISD
Shutdown Current
VSD = VGND
1.4
3
µA (max)
VSDIH
Shutdown Voltage Input High
1.5
V
VSDIL
Shutdown Voltage Input Low
1.3
V
VOS
Output Offset Voltage
7
30
mV (max)
Po
Output Power
THD = 1% (max); f = 1 kHz, per
1.07
0.9
W (min)
channel
TWU
Wake-up time
100
ms
THD+N
Total Harmonic Distortion+Noise
Po = 0.5 Wrms; f = 1kHz
0.15
%
Xtalk
Crosstalk
80
dB
Vripple = 200mV sine p-p
60 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
Input terminated with 10
64 (f = 1kHz)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
ELECTRICAL CHARACTERISTICS VDD = 3.3V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4992
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limit (4) (5)
VIN = 0V, Io = 0A, No Load
4
12
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
5
15
mA (max)
ISD
Shutdown Current
VSD = VGND
0.2
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
1.2
V
VSDIL
Shutdown Voltage Input Low
1.0
V
VOS
Output Offset Voltage
7
30
mV (max)
Output Power
THD = 1% (max); f = 1 kHz, per
420
mW (min)
Po
channel
TWU
Wake-up time
75
ms
THD+N
Total Harmonic Distortion+Noise
Po = 0.25 Wrms; f = 1kHz
0.1
%
Xtalk
Crosstalk
80
dB
Vripple = 200mV sine p-p
65 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
Input terminated with 10
70 (f = 1kHz)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4992 LM4992SDBD


유사한 부품 번호 - LM4992SDBD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

유사한 설명 - LM4992SDBD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992_14 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com