전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AS879 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74AS879
상세설명  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS879 데이터시트(HTML) 6 Page - Texas Instruments

  SN74AS879 Datasheet HTML 1Page - Texas Instruments SN74AS879 Datasheet HTML 2Page - Texas Instruments SN74AS879 Datasheet HTML 3Page - Texas Instruments SN74AS879 Datasheet HTML 4Page - Texas Instruments SN74AS879 Datasheet HTML 5Page - Texas Instruments SN74AS879 Datasheet HTML 6Page - Texas Instruments SN74AS879 Datasheet HTML 7Page - Texas Instruments SN74AS879 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SN54AS878, SN54AS879
SN74AS878, SN74AS879
DUAL 4BIT DTYPE EDGETRIGGERED FLIPFLOPS WITH 3STATE OUTPUTS
SDAS062A − D2661, APRIL 1982 − REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54AS878, SN54AS879
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . .
SN74AS878, SN74AS879
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS878
SN54AS879
SN74AS878
SN74AS879
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
32
48
mA
fclock
Clock Frequency
0
100
0
125
MHz
tw
Pulse duration
CLK low
4
2
ns
tw
Pulse duration
CLK high
5
4
ns
tsu
Setup time before CLK
Data
3
2
ns
tsu
Setup time before CLK
CLR
6.5
5.5
ns
th
Hold time after CLK
Data
3
2
ns
th
Hold time after CLK
CLR
0
0
ns
TA
Operating free-air temperature
−55
125
0
70
°
°C


유사한 부품 번호 - SN74AS879

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AS873A TI-SN74AS873A Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873ADW TI-SN74AS873ADW Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873ADW TI-SN74AS873ADW Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873ADWR TI-SN74AS873ADWR Datasheet
138Kb / 9P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS873ANT TI-SN74AS873ANT Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AS879

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS878A TI-SN54ALS878A Datasheet
285Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11874 TI1-74ACT11874 Datasheet
107Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com