전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLCB24A 데이터시트(PDF) 1 Page - SUNMATE electronic Co., LTD

부품명 SLCB24A
상세설명  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNMATE [SUNMATE electronic Co., LTD]
홈페이지  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SLCB24A 데이터시트(HTML) 1 Page - SUNMATE electronic Co., LTD

  SLCB24A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SLCB24A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SLCB24A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SLCB24A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
VOLTAGE RANGE: 6.5 - 17 0V
SLCB6.5A(CA) - SLC170A(CA)
POWER: 600Wa t t s
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Lead Formed for Surface Mount
Epoxy : UL94V-O rate flame retardant
Case : SMB Molded plastic
Very response Time
Excellent clamping capability
Low
600W peak pulse power capability
with a 10/1000µs waveform
junction capacitance
Peak Pulse Power Dissipation on 10/1000
μs waveform (1)(2)
W
Peak Pulse Current on 10/1000
μs waveform (1)
A
Typical Thermal resistance, Junction to ambient
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse and derated above Ta = 25
°C
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal.
RӨJA
100
Minimum 600
See Table
IPPM
PPPM
Maximum Ratings Rating at 25 °C ambient temperature unless otherwise specified.
Features
Mechanical Data
!
!
!
!
!
!
!
!
!
Weight: 0.093 grams (approx.)
!
1 of 4
www.sunmate.tw
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
Symbol
Value
Units
Characteristic


유사한 부품 번호 - SLCB24A

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SLCB10 LEIDITECH-SLCB10 Datasheet
344Kb / 3P
   Low Capacitance Surface mount TVS
SLCB10A LEIDITECH-SLCB10A Datasheet
344Kb / 3P
   Low Capacitance Surface mount TVS
SLCB11 LEIDITECH-SLCB11 Datasheet
344Kb / 3P
   Low Capacitance Surface mount TVS
SLCB11A LEIDITECH-SLCB11A Datasheet
344Kb / 3P
   Low Capacitance Surface mount TVS
SLCB12 LEIDITECH-SLCB12 Datasheet
344Kb / 3P
   Low Capacitance Surface mount TVS
More results

유사한 설명 - SLCB24A

제조업체부품명데이터시트상세설명
logo
SUNMATE electronic Co.,...
SM6S10CA SUNMATE-SM6S10CA Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SM5S10A SUNMATE-SM5S10A Datasheet
542Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SM5S10CA SUNMATE-SM5S10CA Datasheet
239Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJLCE6.5A SUNMATE-SMCJLCE6.5A Datasheet
758Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ-LC5.0 EIC-SMBJ-LC5.0 Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com