전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTL2014PWR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74GTL2014PWR
상세설명  4-Channel LVTTL to GTL Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2014PWR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74GTL2014PWR Datasheet HTML 7Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 8Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 9Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 10Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 11Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 12Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 13Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 14Page - Texas Instruments SN74GTL2014PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FPGA
GTL2014PW
LVTTL
GTL
Chipset
VTT
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIR
B0
B1
VREF
B2
B3
GND
GND
A3
A2
GND
A1
A0
VCC
3.3 V
Port_A to Port_B
LVTTL to GTL
3.3 V
GND
1.0 V
3.3 V
75
Not Avaliable
Not Avaliable
VCC
Vref
VTT
DIR
R
R1
R2
SN74GTL2014
www.ti.com
SCLS746A – FEBRUARY 2014 – REVISED OCTOBER 2014
Typical Application (continued)
9.2.2 LVTTL/TTL to GTL–/GTL/GTL+
Because GTL is an open-drain interface, the selection of pullup resistor depends on the application requirement
(for example, data rate) and PCB trace capacitance.
Figure 7. Application Diagram for LVTTL to GTL
9.2.2.1 Design Requirements
The GTL2014 requires industrial standard LVTTL and GTL inputs. The design example in the Application
Information section show standard voltage level and typical resistor values.
NOTE
Only LVTTL terminals (A1/A2/A3/A4) are tolerant to 5 V.
9.2.2.2 Detailed Design Procedure
To begin the design process, determine the following:
1. Select direction based upon application (GTL–/GTL/GTL+ to LVTTL or LVTTL to GTL–/GTL/GTL+).
2. Set up appropriate DIR pin and VREF/VTT.
3. Choose correct pullup resistor value base upon data rate and driving current requirement (for LVTTL to
GTL–/GTL/GTL+).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74GTL2014


유사한 부품 번호 - SN74GTL2014PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI1-SN74GTL2010PW Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

유사한 설명 - SN74GTL2014PWR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
   4-bit LVTTL to GTL transceiver
logo
NXP Semiconductors
GTL2014 PHILIPS-GTL2014 Datasheet
85Kb / 15P
   4-bit LVTTL to GTL transceiver
Rev. 01-19 May 2005
logo
Nuvoton Technology Corp...
NCT5914W NUVOTON-NCT5914W Datasheet
344Kb / 13P
   4-bit LVTTL to GTL transceiver
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com