전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS996 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS996
상세설명  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS996 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74ALS996 Datasheet HTML 2Page - Texas Instruments SN74ALS996 Datasheet HTML 3Page - Texas Instruments SN74ALS996 Datasheet HTML 4Page - Texas Instruments SN74ALS996 Datasheet HTML 5Page - Texas Instruments SN74ALS996 Datasheet HTML 6Page - Texas Instruments SN74ALS996 Datasheet HTML 7Page - Texas Instruments SN74ALS996 Datasheet HTML 8Page - Texas Instruments SN74ALS996 Datasheet HTML 9Page - Texas Instruments SN74ALS996 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN54ALS996, SN74ALS996
8BIT DTYPE EDGETRIGGERED READBACK LATCHES
SDAS098B − OCTOBER 1984 − REVISED JANUARY 1995
2−6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
TA = MIN to MAX†
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
SN54ALS996
SN74ALS996
UNIT
MIN
MAX
MIN
MAX
fmax
35
35
MHz
tPLH
CLK
Q
5
30
5
28
ns
tPHL
CLK
(T/C = H or L)
Q
5
24
5
28
ns
tPLH
CLR (T/C = L)
Q
5
27
7
27
ns
tPHL
CLR (T/C = H)
Q
5
23
7
23
ns
tPLH
T/C
Q
4
23
5
23
ns
tPHL
T/C
Q
5
23
5
23
ns
tPHL
CLR
D
5
30
8
30
ns
ten‡
RD
D
2
18
3
16
ns
tdis§
RD
D
1
19
3
19
ns
ten‡
EN
D
2
17
3
16
ns
tdis§
EN
D
1
19
3
19
ns
ten‡
OE
Q
2
15
4
15
ns
tdis§
OE
Q
1
11
1
10
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ ten = tPZH or tPZL
§ tdis = tPHZ or tPLZ


유사한 부품 번호 - SN74ALS996

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS996 TI-SN74ALS996 Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS996DW TI-SN74ALS996DW Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS996NT TI-SN74ALS996NT Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
More results

유사한 설명 - SN74ALS996

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54ALS996 TI-SN54ALS996 Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
National Semiconductor ...
DM74ALS996 NSC-DM74ALS996 Datasheet
225Kb / 5P
   Octal D-Type Edge-Triggered Readback Latches
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54BCT374 TI-SN54BCT374_07 Datasheet
565Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com