전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AS866A 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74AS866A
상세설명  8-BIT MAGNITUDE COMPARATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS866A 데이터시트(HTML) 4 Page - Texas Instruments

  SN74AS866A Datasheet HTML 1Page - Texas Instruments SN74AS866A Datasheet HTML 2Page - Texas Instruments SN74AS866A Datasheet HTML 3Page - Texas Instruments SN74AS866A Datasheet HTML 4Page - Texas Instruments SN74AS866A Datasheet HTML 5Page - Texas Instruments SN74AS866A Datasheet HTML 6Page - Texas Instruments SN74AS866A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54AS866, SN74AS866A
8BIT MAGNITUDE COMPARATORS
SDAS183A − DECEMBER 1982 − REVISED JUNE 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
4
FUNCTION TABLE
COMPARISON
L/A
DATA INPUTS
P0 − P7, Q0 − Q7
INPUTS
OUTPUTS
COMPARISON
L/A
DATA INPUTS
P0 − P7, Q0 − Q7
P>Q
P<Q
P>Q
P<Q
P=Q
Logical
H
P>Q
X
X
H
L
L
Logical
H
P<Q
X
X
L
H
L
Logical
H
P=Q
L
L
L
L
H
Logical
H
P=Q
L
H
L
H
L
Logical
H
P=Q
H
L
H
L
L
Logical
H
P=Q
H
H
H
H
L
Arithmetic
L
P AG Q
X
X
H
L
L
Arithmetic
L
Q AG P
X
X
L
H
L
Arithmetic
L
P=Q
L
L
L
L
H
Arithmetic
L
P=Q
L
H
L
H
L
Arithmetic
L
P=Q
H
L
H
L
L
Arithmetic
L
P=Q
H
H
H
H
L
AG = arithmetically greater than
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state output voltage, P = Q output
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54AS866
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS866A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54AS866
SN74AS866A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current, all outputs except P=Q
−2
−2
mA
VOH
High-level output voltage, P=Q output
5.5
5.5
V
IOL
Low-level output current
20
20
mA
tsu
Setup time to PLE, OLE, OLE
2
2
ns
th
Hold time after PLE, QLE, OLE
4
4
tA
Operating free-air temperature
−55
125
0
70
°C
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other specifications
are design goals. Texas Instruments reserves the right to change or
discontinue these products without notice.


유사한 부품 번호 - SN74AS866A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AS866A TI-SN74AS866A Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results

유사한 설명 - SN74AS866A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54AS885 TI-SN54AS885_07 Datasheet
497Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS866 TI-SN54AS866 Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54HC684 TI-SN54HC684_06 Datasheet
283Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com