전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC02DG4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74HC02DG4
상세설명  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC02DG4 데이터시트(HTML) 3 Page - Texas Instruments

  SN74HC02DG4 Datasheet HTML 1Page - Texas Instruments SN74HC02DG4 Datasheet HTML 2Page - Texas Instruments SN74HC02DG4 Datasheet HTML 3Page - Texas Instruments SN74HC02DG4 Datasheet HTML 4Page - Texas Instruments SN74HC02DG4 Datasheet HTML 5Page - Texas Instruments SN74HC02DG4 Datasheet HTML 6Page - Texas Instruments SN74HC02DG4 Datasheet HTML 7Page - Texas Instruments SN74HC02DG4 Datasheet HTML 8Page - Texas Instruments SN74HC02DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1Y
1A
1B
2Y
2A
2B
GND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC
4Y
4B
4A
3Y
3B
3A
1B
NC
2Y
NC
2A
2B
4
5
6
7
8
18
17
16
15
14
4B
NC
4A
NC
3Y
GND
NC
3A
3B
1A
1Y
NC
VCC
4Y
9
10
11
12
13
3
2
1
20
19
3
SN54HC02, SN74HC02
www.ti.com
SCLS076F – DECEMBER 1982 – REVISED APRIL 2015
Product Folder Links: SN54HC02 SN74HC02
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, N, NS, PW, J, or W Package
14-Pin SOIC, SSOP, PDIP, SO, TSSOP, CDIP, or CFP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP,
PDIP, SO,
TSSOP, CDIP,
CFP
LCCC
1Y
1
2
O
Gate 1 output
1A
2
3
I
Gate 1 input A
1B
3
4
I
Gate 1 input B
2Y
4
6
O
Gate 2 output
2A
5
8
I
Gate 2 input A
2B
6
9
I
Gate 2 input B
GND
7
10
Ground Pin
3A
8
12
I
Gate 3 input A
3B
9
13
I
Gate 3 input B
3Y
10
14
O
Gate 3 output
4A
11
16
I
Gate 4 input A
4B
12
18
I
Gate 4 input B
4Y
13
19
O
Gate 4 output
VCC
14
20
Power pin
NC
1, 5, 7, 11, 15,
17
No internal connection


유사한 부품 번호 - SN74HC02DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC02DG4 TI-SN74HC02DG4 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02DG4 TI-SN74HC02DG4 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

유사한 설명 - SN74HC02DG4

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com